Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5200A-O-AL-N-B Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza 2SC5200A-O-AL-N-B
Descripción Electrónicos  Silicon NPN Triple Diffused Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SC5200A-O-AL-N-B Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SC5200A-O-AL-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A-O-AL-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A-O-AL-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A-O-AL-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A-O-AL-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A-O-AL-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A-O-AL-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A-O-AL-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
R
版本:201603A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
特征曲线
ELECTRICAL CHARACTERISTICS (
Saturation Voltage
Collector corrent I
Power Derating
Ambient temperature
Common emitter
IC/IB = 10
Single pulse test
IC-VCE
Collector-emitter voltage V
Common emitter
Tc = 25°C
Single pulse test
Tc=100
Infinite heat sink
2SC5200
10
100
1000
0.001
0.01
0.1
10
100
0.1
1.0
10.0
0.1
1
ELECTRICAL CHARACTERISTICS (2SC5200 curves)
Saturation Voltage
Base-Emitter Voltage
Collector corrent IC (A)
Collector corrent I
Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linear
with increase in temperature.
Safe Operating Area
TC=25℃ DC Operation
Power Derating
Ambient temperature TC(℃)
DC Current Gain
emitter voltage VCE (V)
Collector corrent I
Tc=25℃
Common emitter
VCE = 5 V Single pulse test
Tc=100℃
Tc=100℃
Tc=100℃
Tc=25℃
Tc=25℃
Infinite heat sink
Collector-emitter voltage V
C5200 SERIES
3/8
1
10
100
10
100
curves)
Emitter Voltage
Collector corrent IC (A)
Single nonrepetitive pulse
Tc = 25°C
Safe Operating Area
Common emitter
IC/IB = 10
Single pulse test
DC Current Gain
Collector corrent IC (A)
= 5 V
Single pulse test
emitter voltage VCE (V)
1ms
10ms
100ms


Número de pieza similar - 2SC5200A-O-AL-N-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JILIN SINO-MICROELECTRO...
2SC5200A-O-AL-N-B JSMC-2SC5200A-O-AL-N-B Datasheet
330Kb / 5P
   Power Amplifier Applications
More results

Descripción similar - 2SC5200A-O-AL-N-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3588-Z KEXIN-2SC3588-Z Datasheet
40Kb / 1P
   NPN Silicon Triple Diffused Transistor
logo
New Jersey Semi-Conduct...
2SC510 NJSEMI-2SC510 Datasheet
196Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TRANSISTOR
logo
PMC-Sierra, Inc
H1061 PMC-H1061 Datasheet
151Kb / 1P
   TRIPLE DIFFUSED SILICON NPN TRANSISTOR
logo
List of Unclassifed Man...
2SD1311 ETC-2SD1311 Datasheet
31Kb / 1P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3496A KEXIN-2SC3496A Datasheet
40Kb / 1P
   NPN Silicon Triple Diffused Transistor
2SC3405 KEXIN-2SC3405 Datasheet
43Kb / 1P
   NPN Silicon Triple Diffused Transistor
logo
Renesas Technology Corp
2SC3631-Z RENESAS-2SC3631-Z_15 Datasheet
753Kb / 6P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com