Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5200C-O-AL-N-B Datasheet(PDF) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza 2SC5200C-O-AL-N-B
Descripción Electrónicos  Silicon NPN Triple Diffused Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SC5200C-O-AL-N-B Datasheet(HTML) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SC5200C-O-AL-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200C-O-AL-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200C-O-AL-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200C-O-AL-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200C-O-AL-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200C-O-AL-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200C-O-AL-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200C-O-AL-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
R
版本:201603A
外形尺寸 PACKAGE MECHANICAL DATA
TO-3PB
外形尺寸 PACKAGE MECHANICAL DATA
TO-3PL(T)
2SC5200
PACKAGE MECHANICAL DATA
单位 Unit
PACKAGE MECHANICAL DATA
单位
符号
A
B
B1
b
c
D
E
e
F
L
L2
P
Q
Q1
符号
A
B1
B2
b
c
D
E
e
H1
H2
L
Q
P1
P2
C5200 SERIES
7/8
Unit :mm
单位 Unit :mm
尺寸(mm)
4.60-5.00
2.90-3.20
1.90-2.20
0.90-1.10
0.50-0.70
19.40-20.40
15.40-15.80
5.45(TYP)
1.40-1.60
19.50-20.50
3.30-3.70
3.10-3.50
4.90-5.10
1.30-1.50
尺寸(mm)
4.70-5.30
2.80-3.20
2.30-2.70
0.80-1.25
0.59-0.61
25.5-26.5
19.5-20.5
5.45(typ)
6.00-6.10
8.95-9.05
20.0-20.4
2.75-2.85
3.45-3.55
3.20-3.30


Número de pieza similar - 2SC5200C-O-AL-N-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SC5200 UTC-2SC5200 Datasheet
94Kb / 3P
   POWER AMPLIFIER APPLICATIONS
logo
ON Semiconductor
2SC5200 ONSEMI-2SC5200 Datasheet
238Kb / 7P
   NPN Epitaxial Silicon Transistor
January 2009 Rev. C
logo
Fairchild Semiconductor
2SC5200 FAIRCHILD-2SC5200 Datasheet
205Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
Toshiba Semiconductor
2SC5200 TOSHIBA-2SC5200 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Savantic, Inc.
2SC5200 SAVANTIC-2SC5200 Datasheet
229Kb / 4P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SC5200C-O-AL-N-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3588-Z KEXIN-2SC3588-Z Datasheet
40Kb / 1P
   NPN Silicon Triple Diffused Transistor
logo
New Jersey Semi-Conduct...
2SC510 NJSEMI-2SC510 Datasheet
196Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TRANSISTOR
logo
PMC-Sierra, Inc
H1061 PMC-H1061 Datasheet
151Kb / 1P
   TRIPLE DIFFUSED SILICON NPN TRANSISTOR
logo
List of Unclassifed Man...
2SD1311 ETC-2SD1311 Datasheet
31Kb / 1P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3496A KEXIN-2SC3496A Datasheet
40Kb / 1P
   NPN Silicon Triple Diffused Transistor
2SC3405 KEXIN-2SC3405 Datasheet
43Kb / 1P
   NPN Silicon Triple Diffused Transistor
logo
Renesas Technology Corp
2SC3631-Z RENESAS-2SC3631-Z_15 Datasheet
753Kb / 6P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com