Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI-3120N Datasheet(PDF) 5 Page - Allegro MicroSystems |
|
SI-3120N Datasheet(HTML) 5 Page - Allegro MicroSystems |
5 / 10 page SI-3018LSA LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR www.allegromicro.com 5 TYPICAL CHARACTERISTICS at T A = 25°C (cont’d) 1.78 1.76 1.74 1.80 1.82 1.84 4.0 8.0 INPUT VOLTAGE 0 Dwg. GK-029 12 6.0 10 2.0 1.86 IO = 1 A IO = 0.5 A IO = 0 A 0 5.0 10 15 4.0 8.0 INPUT VOLTAGE 0 Dwg. GK-030 12 6.0 10 2.0 20 IO = 1 A IO = 0.5 A IO = 0 A 20 10 0 30 40 50 1.0 2.0 ENABLE VOLTAGE in VOLTS 0 Dwg. GK-023 3.0 VI = VS = 3.3 V IO = 5 mA 1.5 2.5 0.5 60 Line regulation GND current ENABLE input current |
Número de pieza similar - SI-3120N |
|
Descripción similar - SI-3120N |