Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS27S100APWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS27S100APWPR
Descripción Electrónicos  40-V, 80-m(ohm) Single-Channel High-Side Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS27S100APWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS27S100APWPR Datasheet HTML 1Page - Texas Instruments TPS27S100APWPR Datasheet HTML 2Page - Texas Instruments TPS27S100APWPR Datasheet HTML 3Page - Texas Instruments TPS27S100APWPR Datasheet HTML 4Page - Texas Instruments TPS27S100APWPR Datasheet HTML 5Page - Texas Instruments TPS27S100APWPR Datasheet HTML 6Page - Texas Instruments TPS27S100APWPR Datasheet HTML 7Page - Texas Instruments TPS27S100APWPR Datasheet HTML 8Page - Texas Instruments TPS27S100APWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
TPS27S100
SLVSE42 – OCTOBER 2017
www.ti.com
Product Folder Links: TPS27S100
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Test condition: VIN = 13.5 V, L = 8 mH, R = 0 Ω, TJ = 150°C. FR4 2s2p board, 2- × 70-μm Cu, 2- × 35-μm Cu. 600-mm
2 board copper
area.
5 Specifications
5.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
40
V
Current on GND pin, t < 2 minutes
–100
250
mA
Voltage on EN and DIAG_EN pins
–0.3
7
V
Current on EN and DIAG_EN pins
–10
mA
Voltage on FLT pin
–0.3
7
V
Current on FLT pin
–30
10
mA
Voltage on ILIM pin
–0.3
7
V
Voltage on IMON pin
–2.7
6.5
V
Inductive load switch-off energy dissipation, single pulse(3)
70
mJ
Operating ambient temperature, TA [Should be in Recommended Operating
Conditions table]
–40
125
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Tested with application circuit shown in Figure 34 with CVIN1= 47 μF, CVIN2= 100 nF, CVOUT= 22 nF and SM15T30A TVS input clamp.
Supply voltage of 24 V DC is always ON, EN Inputs are High, so output is High (ON) and floating (no load).
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM) (1)
IN, OUT, GND
±5000
V
Human body model (HBM) (1)
Other pins
±4000
Charged device model (CDM)
±750
V(ESD)
Electrostatic
discharge
Contact/Air discharge, per IEC 61000-4-2 (2)
IN, OUT
±16000
V
V(ESD)
Electrical fast transient, per IEC 61000-4-4 (2)
IN, OUT
±4000
V
V(ESD)
Surge protection with 42
Ω, per IEC 61000-4-5; 1.2/50 μs (2)
IN, OUT
±1000
V
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Operating voltage
5
40
V
Voltage on EN and DIAG_EN pins
0
5
V
Voltage on FLT pin
0
5
V
Nominal dc load current
0
4
A
TJ
Operating junction temperature range
–40
150
°C


Número de pieza similar - TPS27S100APWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS27S100APWPR TI1-TPS27S100APWPR Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
More results

Descripción similar - TPS27S100APWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS27S100 TI1-TPS27S100_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
[Old version datasheet]   40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com