Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS1HA08EQPWPRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS1HA08EQPWPRQ1
Descripción Electrónicos  40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1HA08EQPWPRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS1HA08EQPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS1HA08EQPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS1HA08EQPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS1HA08EQPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS1HA08EQPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS1HA08EQPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS1HA08EQPWPRQ1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPS
1
H
08
Q1
PWPR
H
T
12-V HSS
24-V HSS
Generation
Version
Packaging
Prefix
Auto Qual
X
RON (
PŸ)
Q
AEC Temp Grade
No. of Channels
A
2
TPS1HA08-Q1
SLVSEC8 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS1HA08-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
4 Device and Documentation Support
4.1 Device Support
4.1.1 Device Options
Table 1 shows device options that are programmed during manufacturing of the device. The option that best fits
the application should be selected.
Table 1. Device Options
PART NUMBER
VERSION
CHARACTER
CURRENT LIMIT (ICL)
REACTION TO REACHING THE
CURRENT LIMIT
WATCHDOG
FEATURE
TPS1HA08AQPWPRQ1
A
Low (30 A)
Disable switch immediately
Disabled
TPS1HA08BQPWPRQ1
B
High (90 A)
Disable switch immediately
Disabled
TPS1HA08CQPWPRQ1
C
Low (30 A)
Keep switch enabled, Limit the
current
Disabled
TPS1HA08DQPWPRQ1
D
High (90 A)
Keep switch enabled, Limit the
current
Disabled
TPS1HA08EQPWPRQ1
E
Low (30 A)
Disable switch immediately
Enabled
Figure 1. Naming Convention
4.2 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
4.3 Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.


Número de pieza similar - TPS1HA08EQPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08AQPWPRQ1 TI1-TPS1HA08AQPWPRQ1 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08AQPWPTQ1 TI1-TPS1HA08AQPWPTQ1 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08DQPWPRQ1 TI1-TPS1HA08DQPWPRQ1 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
More results

Descripción similar - TPS1HA08EQPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1HB08-Q1 TI1-TPS1HB08-Q1 Datasheet
537Kb / 38P
[Old version datasheet]   40-V, 8-m廓 Single-Channel Smart High-Side Switch
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
[Old version datasheet]   40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 50-m(ohm) Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com