Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS23521PWT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS23521PWT
Descripción Electrónicos  ??8 V High Performance Hot Swap Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23521PWT Datasheet(HTML) 3 Page - Texas Instruments

  TPS23521PWT Datasheet HTML 1Page - Texas Instruments TPS23521PWT Datasheet HTML 2Page - Texas Instruments TPS23521PWT Datasheet HTML 3Page - Texas Instruments TPS23521PWT Datasheet HTML 4Page - Texas Instruments TPS23521PWT Datasheet HTML 5Page - Texas Instruments TPS23521PWT Datasheet HTML 6Page - Texas Instruments TPS23521PWT Datasheet HTML 7Page - Texas Instruments TPS23521PWT Datasheet HTML 8Page - Texas Instruments TPS23521PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
NC
GATE2
TMR
VEE
GATE
SNS
D
SS
OV
UVEN
NC
PROG
Vref/PG
NC
VCC
NC
3
TPS23521
www.ti.com
SLVSDX2 – SEPTEMBER 2017
Product Folder Links: TPS23521
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
16-Pin (TSSOP)
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
NC
1
No connect.
NC
2
No connect .
GATE2
3
O
Gate driver for the 2nd Hot Swap FET. NC if feature isn’t used.
NC
4
No connect.
VEE
5
GND
This pin corresponds to the IC GND. Kelvin sense to the bottom of RSNS to ensure accurate
current limit.
SNS
6
I
Sense pin, used to measure current and regulate it. Kelvin Sense to RSNS to ensure accurate
current limits.
GATE
7
O
Gate drive for the main Hot Swap FET.
SS
8
IO
Pin used for soft starting the output. Connect a capacitor (CSS) between the SS pin and
-48V_OUT. The dv/dt rate on the -48V_OUT pin is proportional to the gate sourcing current
divided by CSS.
D
9
I
Pin used to sense the drain of the Hot Swap FET and to program the threshold where the
Hot Swap switches from the CL1 and CL2. Connect a resistor from this pin to the drain of the
Hot Swap FET (also called -48V_OUT) to program the threshold.
TMR
10
IO
Timer pin used to program the duration when the Hot Swap FET can be in current limit.
Program this time by adding a capacitor between the TMR pin and VEE.
OV
11
I
Input over voltage comparator. Tie a resistor divider to program the threshold where the
device turns off due to over voltage event.
UVEN
12
I
Input under voltage comparator. Tie a resistor divider to program the threshold where the
device turns on.
VCC
13
Clamped supply. Tie to RTN through resistor.
NC
14
No connect.
PROG
15
I
Adjust current limit and fast trip threshold by tying to VEE, floating, or tying to VEE through
resistor.
Vref/PG
16
O
5V reference output. Connect to the base of a BJT to generate a rail that can be used to
power current monitors and digital Isolators. It can also be used as a PG for the downstream
DC/DC converters.


Número de pieza similar - TPS23521PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS23523 TI1-TPS23523 Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23523PWR TI1-TPS23523PWR Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23523PWT TI1-TPS23523PWT Datasheet
2Mb / 38P
[Old version datasheet]   ??8-V Hot Swap and Single OR-ing Controller
TPS23525 TI1-TPS23525 Datasheet
2Mb / 39P
[Old version datasheet]   ??8-V Hot Swap and Dual OR-ing Controller
TPS23525PWR TI1-TPS23525PWR Datasheet
2Mb / 39P
[Old version datasheet]   ??8-V Hot Swap and Dual OR-ing Controller
More results

Descripción similar - TPS23521PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com