Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS389012QDSERQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS389012QDSERQ1
Descripción Electrónicos  Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS389012QDSERQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS389012QDSERQ1 Datasheet HTML 3Page - Texas Instruments TPS389012QDSERQ1 Datasheet HTML 4Page - Texas Instruments TPS389012QDSERQ1 Datasheet HTML 5Page - Texas Instruments TPS389012QDSERQ1 Datasheet HTML 6Page - Texas Instruments TPS389012QDSERQ1 Datasheet HTML 7Page - Texas Instruments TPS389012QDSERQ1 Datasheet HTML 8Page - Texas Instruments TPS389012QDSERQ1 Datasheet HTML 9Page - Texas Instruments TPS389012QDSERQ1 Datasheet HTML 10Page - Texas Instruments TPS389012QDSERQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
1
1.05
1.1
1.15
1.2
D005
1.5 V
5.5 V
Hysteresis (%)
0
3
6
9
12
15
0.47
0.51
0.55
0.59
0.63
0.67
VITN Accuracy (%)
0
2
4
6
8
10
12
-0.25
-0.15
-0.05
0.05
0.15
0.25
VITP Accuracy (%)
0
2
4
6
8
10
12
-0.25
-0.15
-0.05
0.05
0.15
0.25
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
D001
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Avg
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
D002
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Avg
7
TPS3890-Q1
www.ti.com
SBVS303A – MARCH 2017 – REVISED OCTOBER 2017
Product Folder Links: TPS3890-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Typical Characteristics
over the operating junction temperature range of –40°C to +125°C, 1.5 V
≤ VDD ≤ 5.5 V, and MR = VDD (unless otherwise
noted)
Figure 2. VITN Accuracy vs Temperature
Figure 3. VITP Accuracy vs Temperature
Tested at VDD = 1.5 V and VDD = 5.5 V, total tests = 136,348
Figure 4. VITN Accuracy Histogram
Tested at VDD = 1.5 V and VDD = 5.5 V, total tests = 136,348
Figure 5. VITP Accuracy Histogram
Tested at VDD = 1.5 V and VDD = 5.5 V, total tests = 136,348
Figure 6. Hysteresis Histogram
Figure 7. CT Current vs Temperature


Número de pieza similar - TPS389012QDSERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS389012QDSERQ1 TI1-TPS389012QDSERQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS389012QDSERQ1 TI1-TPS389012QDSERQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
More results

Descripción similar - TPS389012QDSERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3890 TI1-TPS3890_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
145Kb / 6P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3818 TI-TPS3818 Datasheet
633Kb / 16P
[Old version datasheet]   Low Quiescent Current, Accurate Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com