Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS389018QDSERQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS389018QDSERQ1
Descripción Electrónicos  Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS389018QDSERQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS389018QDSERQ1 Datasheet HTML 1Page - Texas Instruments TPS389018QDSERQ1 Datasheet HTML 2Page - Texas Instruments TPS389018QDSERQ1 Datasheet HTML 3Page - Texas Instruments TPS389018QDSERQ1 Datasheet HTML 4Page - Texas Instruments TPS389018QDSERQ1 Datasheet HTML 5Page - Texas Instruments TPS389018QDSERQ1 Datasheet HTML 6Page - Texas Instruments TPS389018QDSERQ1 Datasheet HTML 7Page - Texas Instruments TPS389018QDSERQ1 Datasheet HTML 8Page - Texas Instruments TPS389018QDSERQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
D001
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Avg
TPS389012-Q1
RESET
VDD
GND
SENSE
1.8 V
Microcontroller
MR
1.2 V
VCORE
VI/O
RESET
CT
GND
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS3890-Q1
SBVS303A – MARCH 2017 – REVISED OCTOBER 2017
TPS3890-Q1
Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
1
1 Features
1
Qualified for Automotive Applications
Power-On-Reset (POR) Generator with Adjustable
Delay Time: 25 μs to 30 s
Very Low Supply Current: 2.1 μA (Typical)
High Threshold Accuracy: 1% (max)
Precision Hysteresis
Fixed and Adjustable Threshold Voltages:
Fixed Thresholds for Standard Rails:
1.2 V to 5 V
Adjustable Down to 1.15 V
Manual Reset (MR) Input
Open-Drain RESET Output
Temperature Range: –40°C to +125°C
Package: 1.5-mm × 1.5-mm WSON
2 Applications
Automotive Vision Systems
Automotive RADAR Systems
Automotive Infotainment Systems
Body Electronics
Cluster Electronics
3 Description
The TPS3890-Q1 is a precision voltage supervisor
with low-quiescent current that monitors system
voltages as low as 1.15 V, asserting an open-drain
RESET signal when the SENSE voltage drops below
a preset threshold or when the manual reset (MR) pin
drops to a logic low. The RESET output remains low
for the user-adjustable delay time after the SENSE
voltage and manual reset (MR) return above the
respective thresholds. The TPS3890-Q1 family uses
a precision reference to achieve 1% threshold
accuracy. The reset delay time can be user-adjusted
between 25 μs and 30 s by connecting the CT pin to
an external capacitor. The TPS3890-Q1 has a very
low quiescent current of 2.1 μA and is available in a
small 1.5-mm × 1.5-mm package, making the device
well-suited
for
battery-powered
and
space-
constrained applications. The device is fully specified
over a temperature range of –40°C to +125°C (TJ).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3890-Q1
WSON (6)
1.50 mm × 1.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACE
SPACE
SPACE
SPACE
SPACE
SPACE
SPACE
Typical Application Circuit
VITN Accuracy vs Temperature


Número de pieza similar - TPS389018QDSERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS389018QDSERQ1 TI1-TPS389018QDSERQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS389018QDSERQ1 TI1-TPS389018QDSERQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
More results

Descripción similar - TPS389018QDSERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3890 TI1-TPS3890_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
145Kb / 6P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3818 TI-TPS3818 Datasheet
633Kb / 16P
[Old version datasheet]   Low Quiescent Current, Accurate Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com