Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62097-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62097-Q1
Descripción Electrónicos  2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62097-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62097-Q1 Datasheet HTML 5Page - Texas Instruments TPS62097-Q1 Datasheet HTML 6Page - Texas Instruments TPS62097-Q1 Datasheet HTML 7Page - Texas Instruments TPS62097-Q1 Datasheet HTML 8Page - Texas Instruments TPS62097-Q1 Datasheet HTML 9Page - Texas Instruments TPS62097-Q1 Datasheet HTML 10Page - Texas Instruments TPS62097-Q1 Datasheet HTML 11Page - Texas Instruments TPS62097-Q1 Datasheet HTML 12Page - Texas Instruments TPS62097-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
L
V
V
V
V
t
I
2
f
OUT
IN
OUT
IN
2
ON
OUT
PSM
-
´
´
´
=
EN
V
OUT
PG
Disable
Enable
MODE
Detection
Soft Startup
9
TPS62097-Q1
www.ti.com
SLVSDZ7 – AUGUST 2017
Product Folder Links: TPS62097-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Function Modes (continued)
Once the EN pin is pulled high, the IC enables internal circuit blocks and prepares to ramp the output up. The
period between the rising edge of the EN pin and the beginning of the power stage switching is called the MODE
detection time, typically 50µs. During the MODE detection time period, shown in Figure 2, the PWM switching
frequency and operating mode are set by the MODE pin status, as shown in Table 1.
The PWM switching frequency can't be changed after the detection time period. Only when the device is set in
PWM/PSM mode during the MODE detection time period (MODE = AGND), it is possible to switch between
PWM/PSM and forced PWM operation modes by toggling the MODE pin with a GPIO pin of a micro-controller,
for example. The other four MODE pin selections force the device in PWM mode only.
Figure 2. Power Up Sequence
Table 1. Switching Frequency and Mode Selection
Typical PWM
Switching
Frequency (MHz)
Resistance at MODE pin
(E24 EIA Value)
Toggle MODE pin after
MODE detection
ON-Time Equation
Operating Mode
1.50
8.2kΩ ±5%
No
tON = 667ns x VOUT / VIN
Forced PWM
1.75
18kΩ ±5%
No
tON = 571ns x VOUT / VIN
Forced PWM
2.00
AGND
Yes
tON = 500ns x VOUT / VIN
PWM/PSM and
Forced PWM
2.25
39kΩ ±5%
No
tON = 444ns x VOUT / VIN
Forced PWM
2.50
75kΩ ±5% or Open
No
tON = 400ns x VOUT / VIN
Forced PWM
Connecting the MODE pin to AGND with a resistor or leaving the MODE pin open forces the device into PWM
mode for the whole load range. The device operates with a constant switching frequency that allows simple
filtering of the switching frequency for noise sensitive applications. In forced PWM mode, the efficiency is lower
than that of PSM at light load.
Connecting the MODE pin to the AGND pin enables Power Save Mode with an automatic transition between
PWM and Power Save Mode. As the load current decreases and the inductor current becomes discontinuous,
the device enters Power Save Mode operation automatically. In Power Save Mode, the switching frequency is
reduced and estimated by Equation 2. In Power Save Mode, the output voltage rises slightly above the nominal
output voltage, as shown in . This effect is minimized by increasing the output capacitor.
(2)
When the device operates close to 100% duty cycle mode, the TPS62097-Q1 can't enter Power Save Mode
regardless of the load current if the input voltage decreases to typically 15% above the output voltage. The
device maintains output regulation in PWM mode.


Número de pieza similar - TPS62097-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
More results

Descripción similar - TPS62097-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
logo
Monolithic Power System...
NB638 MPS-NB638 Datasheet
765Kb / 19P
   High Efficiency, Fast Transient, 7A, 28V Synchronous Step-down Converter in a Tiny 3x4mm QFN Package
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
   1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com