Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS6209733-Q1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS6209733-Q1
Descripción Electrónicos  2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6209733-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS6209733-Q1 Datasheet HTML 2Page - Texas Instruments TPS6209733-Q1 Datasheet HTML 3Page - Texas Instruments TPS6209733-Q1 Datasheet HTML 4Page - Texas Instruments TPS6209733-Q1 Datasheet HTML 5Page - Texas Instruments TPS6209733-Q1 Datasheet HTML 6Page - Texas Instruments TPS6209733-Q1 Datasheet HTML 7Page - Texas Instruments TPS6209733-Q1 Datasheet HTML 8Page - Texas Instruments TPS6209733-Q1 Datasheet HTML 9Page - Texas Instruments TPS6209733-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Load (A)
0
0.5
1
1.5
2
60
70
80
90
100
D027
VIN = 3.3 V
VIN = 5.0 V
6
TPS62097-Q1
SLVSDZ7 – AUGUST 2017
www.ti.com
Product Folder Links: TPS62097-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 1. 1.8-V Output, Efficiency, MODE = Open


Número de pieza similar - TPS6209733-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
More results

Descripción similar - TPS6209733-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
logo
Monolithic Power System...
NB638 MPS-NB638 Datasheet
765Kb / 19P
   High Efficiency, Fast Transient, 7A, 28V Synchronous Step-down Converter in a Tiny 3x4mm QFN Package
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
   1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com