Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS6508700 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS6508700
Descripción Electrónicos  PMIC for AMD Family 17h Models 10h-1Fh Processors
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6508700 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS6508700 Datasheet HTML 7Page - Texas Instruments TPS6508700 Datasheet HTML 8Page - Texas Instruments TPS6508700 Datasheet HTML 9Page - Texas Instruments TPS6508700 Datasheet HTML 10Page - Texas Instruments TPS6508700 Datasheet HTML 11Page - Texas Instruments TPS6508700 Datasheet HTML 12Page - Texas Instruments TPS6508700 Datasheet HTML 13Page - Texas Instruments TPS6508700 Datasheet HTML 14Page - Texas Instruments TPS6508700 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
11
TPS6508700
www.ti.com
SWCS134 – OCTOBER 2017
Submit Documentation Feedback
Product Folder Links: TPS6508700
Specifications
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: Buck Controllers (continued)
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ΔVOUT/
ΔIOUT
Load regulation
VIN = 13 V, VOUT = 1, 1.2, 1.35, 1.5, 1.8, 2.5,
3.3 V, IOUT = 0 A to 7 A,
referenced to VOUT at IOUT = IOUT_MAX
0%
1%
VTH_PG
Power good deassertion threshold in
percentage of target VOUT
VOUT rising
105.5%
108%
110.5%
VOUT falling
89.5%
92%
94.5%
RDSON_
DRVH
Driver DRVH resistance
Source, IDRVH = –50 mA
3
Ω
Sink, IDRVH = 50 mA
2
Ω
RDSON_
DRVL
Driver DRVL resistance
Source, IDRVL = –50 mA
3
Ω
Sink, IDRVL = 50 mA
0.4
Ω
RDIS
Output auto-discharge resistance
BUCKx_DIS[1:0] = 01b
100
Ω
BUCKx_DIS[1:0] = 10b
200
Ω
BUCKx_DIS[1:0] = 11b
500
Ω
CBOOT
Bootstrap capacitance
100
nF
RON_BO
OT
Bootstrap switch ON resistance
20
Ω
4.8
Electrical Characteristics: Synchronous Buck Converters
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK3, BUCK4, BUCK5
VIN
Power input voltage
4.5
5
5.5
V
VOUT
DC output voltage VID range and
options
VID step size = 25 mV, BUCKx_VID[6:0]
progresses from 0000001b to 1111111b
0.425
3.575
V
BUCK3 output voltage default
Set by BUCK3_VID[6:0], 25-mV step size
1.8
V
BUCK4 output voltage default
Set by BUCK4_VID[6:0], 25-mV step size
0.8
V
BUCK5 output voltage default
Set by BUCK5_VID[6:0], 25-mV step size
1.8
V
DC output voltage accuracy
VOUT = 1, 1.2, 1.35, 1.5, 1.8,
2.5, 3.3 V, IOUT = 1.5 A
–2%
2%
VOUT = 1, 1.2, 1.35, 1.5, 1.8,
2.5, 3.3 V, IOUT = 100 mA
–2.5%
2.5%
Total output voltage accuracy (DC
plus ripple) in DCM
IOUT = 10 mA, VOUT ≤ 1 V
–30
40
mV
SR(VOU
T)
Output DVS slew rate
5
6.25
mV/µs
IOUT
Continuous DC output current
3
A
IIND_LIM
HSD FET current limit
4.3
7
A
IQ
Quiescent current
VIN = 5 V, VOUT = 1 V
35
µA
ΔVOUT/
ΔVIN
Line regulation
VOUT = 1, 1.2, 1.35, 1.5, 1.8,
2.5, 3.3 V, IOUT = 1.5 A
–0.5%
0.5%
ΔVOUT/
ΔIOUT
Load regulation
VIN = 5 V, VOUT = 1, 1.2, 1.35, 1.5, 1.8, 2.5, 3.3 V,
IOUT = 0 A to 3 A, referenced to VOUT at IOUT = 1.5
A
–0.2%
2%
VTH_PG
Power good deassertion threshold in
percentage of target VOUT
VOUT rising
108%
VOUT falling
92%
VTH_HYS
_PG
Power good reassertion hysteresis
entering back into VTH_PG
VOUT rising or falling
3%
RDIS
Output auto-discharge resistance
BUCKx_DIS[1:0] = 01b
100
Ω
BUCKx_DIS[1:0] = 10b
200
BUCKx_DIS[1:0] = 11b
500


Número de pieza similar - TPS6508700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650830 TI1-TPS650830 Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZAJR TI1-TPS650830ZAJR Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZAJT TI1-TPS650830ZAJT Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZCGR TI1-TPS650830ZCGR Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZCGT TI1-TPS650830ZCGT Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
More results

Descripción similar - TPS6508700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
   System PMIC for Mobile Application Processors
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
   System PMIC for Multi-Core Application Processors
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
   System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9066 RENESAS-DA9066 Datasheet
3Mb / 257P
   System PMIC for Dual/Quad-Core Processors
21-Feb-2022
logo
Silicon Laboratories
EFP01 SILABS-EFP01 Datasheet
2Mb / 158P
   EFP01 Energy Friendly PMIC Family
Rev. 1.3
logo
Siemens Semiconductor G...
SAB8288A SIEMENS-SAB8288A Datasheet
236Kb / 11P
   Bus Controller for SAB 8086 Family Processors
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
logo
AAEON Technology
COM-690E AAEON-COM-690E Datasheet
383Kb / 1P
   AMD Turion?? Sempron??(S1 Socket) Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com