Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMH4811AS Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

No. de pieza SMH4811AS
Descripción Electrónicos  DISTRIBUTED POWER HOT SWAP CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4811AS Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMH4811AS Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
SMH4811A
2044 6.1 2/8/01
SUMMIT MICROELECTRONICS, Inc.
Preliminary
charging the filter capacitance (normally required at the
input of the DC/DC controller) too quickly may generate
very high current. The VGATE output of the SMH4811A
is current limited to IVGATE, allowing the slew rate to be
easily modified using external passive components. The
slew rate may be found by dividing IVGATE by the gate-to-
drain capacitance placed on the external FET. A complete
design example is given in the Applications Section.
Load Control — Sequencing the Secondary Sup-
plies
Once power has been ramped to the DC/DC controllers,
two conditions must be met before the PG# output can be
enabled: the Drain Sense voltage must be below 2.5V,
and the VGATE voltage must be greater than V
DD –VGT.
The Drain Sense input helps ensure that the power MOS-
FET is not absorbing too much steady state power from
operating at a high V
DS. This sensor remains active at all
times (except during the current regulation period). The
VGATE sensor makes sure that the power MOSFET is
operating well into its saturation region before allowing the
load to be switched on. Once VGATE reaches V
DD –VGT
this sensor is latched.
Once the external MOSFET is properly switched on the
PG# output may be enabled (if ENPG is high). The PG#
output has a 12V withstand capability, so high voltages
must not be connected to this pin. A bipolar transistor or
opto-isolator can be used to boost the withstand voltage to
that of the host supply.
Circuit Breaker Operation
The SMH4811A provides a number of circuit breaker
functions to protect against over current conditions. A
sustained over-current event could damage the host sup-
ply and/or the load circuitry. The board’s load current
passes through a series resistor (R
S) connected between
the MOSFET source (which is tied to CBSENSE) and V
SS.
The breaker trips whenever the voltage drop across R
S is
greater than 50mV for more than t
CBD (a factory program-
mable filter delay ranging from 10µs to 500µs).
Quick-TripTM Circuit Breaker
Additionally, the SMH4811A provides a Quick-Trip feature
that will cause the circuit breaker to trip immediately if the
voltage drop across R
S exceeds VQCB.
The Quick-Trip
level may be factory set to 60mV, 100mV (default),
200mV, or the feature may be disabled.
Current Regulation
The current regulation mode is an optional feature that
provides a means to regulate current through the MOS-
FET for a programmable period of time. If enabled the
device will start the internal timer when the voltage at
CBSENSE exceeds 50mV. Also, it attempts to limit the
voltage at CBSENSE to 60mV by regulating the VGATE
output. The circuit breaker will trip if the over-current
condition remains after the time-out. However, if CB-
SENSE drops below 50mV before the timer ends, the
timer is reset and VGATE resumes normal operation. If
the Quick-Trip level is exceeded then the device will
bypass the current regulation timer and shut down imme-
diately. The Current Regulation feature is disabled in the
default configuration.
Non-Volatile Fault Latch
The SMH4811A also provides an optional nonvolatile fault
latch (NVFL) circuit breaker feature. The nonvolatile fault
latch essentially provides a programmable fuse on the
circuit breaker. When enabled the nonvolatile fault latch
will be set whenever the circuit breaker trips. Once set, it
cannot be reset by cycling power.
NOTE: THE DEVICE REMAINS PERMANENTLY DISABLED
UNTIL IT IS REPROGRAMMED AT THE FACTORY
.
As long as the NVFL is set the FAULT# output will be
driven active. The Non-Volatile Fault Latch feature is
disabled in the default configuration.
Resetting FAULT#
When the circuit breaker trips the VGATE output is turned
off and FAULT# is driven low. In the default condition the
breaker resets automatically after a time of t
CYC.
In the
latched condition cycling power to the board or toggling the
EN/TS input will also reset the circuit breaker. If the over
current condition still exists after the MOSFET switches
back on, the circuit breaker will re-trip.


Número de pieza similar - SMH4811AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
More results

Descripción similar - SMH4811AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com