Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STK15C88-P35 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
STK15C88-P35 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 9 page STK15C88 August 1998 5-37 SRAM READ CYCLES #1 & #2 (Vcc = 5.0V ± 10%) Note f: W must be high during SRAM read cycles and low during SRAM write cycles. Note g: I/O state assumes E, G, < VIL and W > VIH; device is continuously selected Note h: Measured + 200mV from steady state output voltage SRAM READ CYCLE #1 (Address Controlled)f, g SRAM READ CYCLE #2 (E Controlled)f NO. SYMBOLS PARAMETER STK15C88-25 STK15C88-35 STK15C88-45 UNITS #1, #2 Alt. MIN MAX MIN MAX MIN MAX 1tELQV tACS Chip Enable Access Time 25 35 45 ns 2tAVAV f tRC Read Cycle Time 25 35 45 ns 3tAVQV g tAA Address Access Time 25 35 45 ns 4tGLQV tOE Output Enable to Data Valid 10 15 20 ns 5tAXQX g tOH Output Hold After Address Change 3 3 3 ns 6tELQX tLZ Chip Enable to Output Active 5 5 5 ns 7tEHQZ h tHZ Chip Disable to Output Inactive 10 13 15 ns 8tGLQX tOLZ Output Enable to Output Active 0 0 0 ns 9tGHQZ h tOHZ Output Disable to Output Inactive 10 13 15 ns 10 tELICCH e tPA Chip Enable to Power Active 0 0 0 ns 11 tEHICCL d, e tPS Chip Disable to Power Standby 25 35 45 ns DATA VALID 5 tAXQX 3 tAVQV DQ(Data Out) ADDRESS 2 tAVAV 6 tELQX STANDBY DATA VALID 8 tGLQX 4 tGLQV DQ(Data Out) E ADDRESS 2 tAVAV G ICC ACTIVE 1 tELQV 10 tELICCH 11 tEHICCL 7 tEHQZ 9 tGHQZ |
Número de pieza similar - STK15C88-P35 |
|
Descripción similar - STK15C88-P35 |