Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC58FVM5B2AFT65 Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TC58FVM5B2AFT65
Descripción Electrónicos  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM5B2AFT65 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC58FVM5B2AFT65 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVM5B2AFT65 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
TC58FVM5(T/B)(2/3)A(FT/XB)65
2003-01-29 8/63
ID Read Mode
ID Read Mode is used to read the device maker code and device code. The mode is useful in that it allows
EPROM programmers to identify the device type automatically.
ID read can be executed in two ways, as follows:
(1) Applying VID to A9
This method is used mainly by EPROM programmers. Applying VID to A9 sets the device to ID Read
Mode, outputting the maker code from address 00H and the device code from address 01H. Releasing VID
from A9 returns the device to Read Mode. With this method all banks are set to ID Read Mode; thus,
simultaneous operation cannot be performed.
(2) Input command sequence
With this method simultaneous operation can be performed. Inputting an ID Read command sets the
specified bank to ID Read Mode. Banks are specified by inputting the bank address (BK) in the third Bus
Write cycle of the Command cycle. To read an ID code, the bank address as well as the ID read address must
be specified (with
/ACC
WP
= VIH or VIL). The maker code is output from address BK + 00; the device code
is output from address BK
+ 01. From other banks data are output from the memory cells. Inputting a Reset
command releases ID Read Mode and returns the device to Read Mode.
Access time in ID Read Mode is the same as that in Read Mode. For a list of the codes, please refer to the
ID Code Table.
Standby Mode
There are two ways to put the device into Standby Mode.
(1) Control using CE and RESET
With the device in Read Mode, input VDD ± 0.3 V to CE and RESET . The device will enter Standby
Mode and the current will be reduced to the standby current (IDDS1). However, if the device is in the
process of performing simultaneous operation, the device will not enter Standby Mode but will instead
cause the operating current to flow.
(2) Control using RESET only
With the device in Read Mode, input VSS ± 0.3 V to RESET . The device will enter Standby Mode and the
current will be reduced to the standby current (IDDS1). Even if the device is in the process of performing
simultaneous operation, this method will terminate the current operation and set the device to Standby
Mode. This is a hardware reset and is described later.
In Standby Mode DQ is put in High-Impedance state.
Auto-Sleep Mode
This function suppresses power dissipation during reading. If the address input does not change for 150 ns,
the device will automatically enter Sleep Mode and the current will be reduced to the standby current (IDDS2).
However, if the device is in the process of performing simultaneous operation, the device will not enter Standby
Mode but will instead cause the operating current to flow. Because the output data is latched, data is output in
Sleep Mode. When the address is changed, Sleep Mode is automatically released, and data from the new
address is output.
Output Disable Mode
Inputting VIH to OE disables output from the device and sets DQ to High-Impedance.


Número de pieza similar - TC58FVM5B2AFT65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC58FVM62A TOSHIBA-TC58FVM62A Datasheet
754Kb / 61P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2A TOSHIBA-TC58FVM6B2A Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2AFT65 TOSHIBA-TC58FVM6B2AFT65 Datasheet
754Kb / 61P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2AXB65 TOSHIBA-TC58FVM6B2AXB65 Datasheet
754Kb / 61P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Descripción similar - TC58FVM5B2AFT65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com