Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NTE1910 Datasheet(PDF) 1 Page - NTE Electronics

No. de Pieza. NTE1910
Descripción  Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo 

NTE1910 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1910
Integrated Circuit
Positive 3 Terminal Voltage Regulator,
9V, 1A
Description:
The NTE1910 is a 3 terminal fixed positive voltage regulator in a TO220 type package. Stabilized fixed
output voltage is obtained from unstabe DC input voltage without the use of external components.
Features:
D No External Components
D Output Current in Excess of 1A
D Internal Short–Circuit Current Limiting
D Internal Thermal Overload Protection
D Output Transistor Safe Area Compensation
Absolute Maximum Ratings: (TA = 25°C unless otherwise specified)
Input Voltage, VI
35V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
15W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–30
° to +80C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25°C
8.65
9.0
9.35
V
Output Voltage Tolerance
VO
VI = 12V to 24V, IO = 5mA to1A,
TJ = 0° to +125°C, PD ≤ 15W
8.55
9.45
V
Line Regulation
REGIN
VI = 11.5V to 26V, TJ = 25°C
7
180
mV
VI = 12V to 18V, TJ = 25°C
2
90
mV
Load Regulation
REGL
IO = 5mA to 1.5A, TJ = 25°C
12
180
mV
IO = 250mA to 750mA, TJ = 25°C
4
90
mV
Bias Current
IBIAS
TJ = 25°C
3.9
8.0
mA
Input Bias Current Change
∆IBIAS(IN) VI = 11.5V to 26V, TJ = 25°C
1
mA


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn