Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL3D107M010U0100 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza TL3D107M010U0100
Descripción Electrónicos  Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL3D107M010U0100 Datasheet(HTML) 5 Page - Vishay Siliconix

  TL3D107M010U0100 Datasheet HTML 1Page - Vishay Siliconix TL3D107M010U0100 Datasheet HTML 2Page - Vishay Siliconix TL3D107M010U0100 Datasheet HTML 3Page - Vishay Siliconix TL3D107M010U0100 Datasheet HTML 4Page - Vishay Siliconix TL3D107M010U0100 Datasheet HTML 5Page - Vishay Siliconix TL3D107M010U0100 Datasheet HTML 6Page - Vishay Siliconix TL3D107M010U0100 Datasheet HTML 7Page - Vishay Siliconix TL3D107M010U0100 Datasheet HTML 8Page - Vishay Siliconix TL3D107M010U0100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TL3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
5
Document Number: 40154
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6 VDC AT +85 °C; 4 VDC AT +125 °C
47
C
TL3C476(1)6R3(2)0300
1.41
6
0.300
0.61
47
D
TL3D476(1)6R3(3)0800
1.41
6
0.800
0.43
47
D
TL3D476(1)6R3(3)0200
1.41
6
0.200
0.87
68
D
TL3D686(1)6R3(3)0700
2.04
6
0.700
0.46
68
D
TL3D686(1)6R3(3)0200
2.04
6
0.200
0.87
100
B
TL3B107(1)6R3(2)1700
3.00
15
1.700
0.22
100
B
TL3B107(1)6R3(2)0700
3.00
15
0.700
0.35
100
D
TL3D107(1)6R3(3)0700
3.00
6
0.700
0.46
100
D
TL3D107(1)6R3(3)0140
3.00
6
0.140
1.04
150
D
TL3D157(1)6R3(3)0600
4.50
8
0.600
0.50
150
D
TL3D157(1)6R3(3)0125
4.50
8
0.125
1.10
150
E
TL3E157(1)6R3(3)0500
4.50
8
0.500
0.57
150
E
TL3E157(1)6R3(3)0100
4.50
8
0.100
1.28
220
C
TL3C227(1)6R3(2)0700
6.60
14
0.700
0.40
220
C
TL3C227(1)6R3(2)0300
6.60
14
0.300
0.61
220
D
TL3D227(1)6R3(3)0600
6.60
8
0.600
0.50
220
D
TL3D227(1)6R3(3)0100
6.60
8
0.100
1.22
220
E
TL3E227(1)6R3(3)0500
6.60
8
0.500
0.57
220
E
TL3E227(1)6R3(3)0100
6.60
8
0.100
1.28
330
E
TL3E337(1)6R3(3)0500
9.90
8
0.500
0.57
330
E
TL3E337(1)6R3(3)0100
9.90
8
0.100
1.28
10 VDC AT +85 °C; 7 VDC AT +125 °C
1.0
A
TL3A105(1)010(2)9300
0.25
4
9.300
0.09
1.0
A
TL3A105(1)010(2)6000
0.25
4
6.000
0.11
1.5
A
TL3A155(1)010(2)8000
0.25
6
8.000
0.10
1.5
A
TL3A155(1)010(2)6000
0.25
6
6.000
0.11
3.3
B
TL3B335(1)010(2)3500
0.25
6
3.500
0.16
3.3
B
TL3B335(1)010(2)2500
0.25
6
2.500
0.18
4.7
A
TL3A475(1)010(2)5000
0.25
6
5.000
0.12
4.7
A
TL3A475(1)010(2)3000
0.25
6
3.000
0.16
4.7
B
TL3B475(1)010(2)3400
0.25
6
3.400
0.16
4.7
B
TL3B475(1)010(2)1500
0.25
6
1.500
0.24
6.8
B
TL3B685(1)010(2)2900
0.34
6
2.900
0.17
6.8
B
TL3B685(1)010(2)1200
0.34
6
1.200
0.27
10
A
TL3A106(1)010(2)3400
0.50
6
3.400
0.15
10
A
TL3A106(1)010(2)2000
0.50
6
2.000
0.19
10
C
TL3C106(1)010(2)1800
0.50
6
1.800
0.25
10
C
TL3C106(1)010(2)0550
0.50
6
0.550
0.45
15
A
TL3A156(1)010(2)2900
0.75
6
2.900
0.16
15
A
TL3A156(1)010(2)2000
0.75
6
2.000
0.19
15
C
TL3C156(1)010(2)1800
0.75
6
1.800
0.25
15
C
TL3C156(1)010(2)0500
0.75
6
0.500
0.47
22
A
TL3A226(1)010(2)2500
1.10
8
2.500
0.17
22
A
TL3A226(1)010(2)1500
1.10
8
1.500
0.22
33
B
TL3B336(1)010(2)1900
1.65
6
1.900
0.21
33
B
TL3B336(1)010(2)0600
1.65
6
0.600
0.38
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: C, D, E, F, U, V, T, W


Número de pieza similar - TL3D107M010U0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
   Max. load 4,000N (push)
20220411-V
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
   TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
   300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results

Descripción similar - TL3D107M010U0100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
TR3 VISHAY-TR3_17 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
793DX-CTC3-CTC4 VISHAY-793DX-CTC3-CTC4_16 Datasheet
514Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, CECC Approved
Revision: 09-Dec-16
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com