Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61061YZFR Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS61061YZFR
Descripción Electrónicos  CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61061YZFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61061YZFR Datasheet HTML 7Page - Texas Instruments TPS61061YZFR Datasheet HTML 8Page - Texas Instruments TPS61061YZFR Datasheet HTML 9Page - Texas Instruments TPS61061YZFR Datasheet HTML 10Page - Texas Instruments TPS61061YZFR Datasheet HTML 11Page - Texas Instruments TPS61061YZFR Datasheet HTML 12Page - Texas Instruments TPS61061YZFR Datasheet HTML 13Page - Texas Instruments TPS61061YZFR Datasheet HTML 14Page - Texas Instruments TPS61061YZFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
td
td
tup
td
tdown
toff
Brightness
Control
Disabled
Brightness
Control
Enabled
Brightness
Control Disabled
High
Low
ILED
EFFICIENCY AND FEEDBACK VOLTAGE
UNDERVOLTAGE LOCKOUT
THERMAL SHUTDOWN
CHIPSCALE PACKAGE DIMENSIONS
TPS61060
TPS61061
TPS61062
SLVS538 – NOVEMBER 2004
Between each cycle the ILED pin needs to be pulled high for 1.5 µs.
Figure 15. ILED Timing Diagram
Using the digital interface on the ILED pin allows simple implementation of a two-step brightness control by
pulling the ILED either high or low. For full LED current with VFB = 500 mV, the ILED needs to be pulled low and
to program half the LED current with VFB = 250 mV, the ILED pin needs to be pulled high.
The feedback voltage has a direct effect on the converter efficiency. Because the voltage drop across the
feedback resistor does not contribute to the output power (LED brightness), the lower the feedback voltage the
higher the efficiency. Especially when powering only three or less LEDs, the feedback voltage impacts the
efficiency around 2% depending on the sum of the forward voltage of the LEDs. To take advantage of this, the
ILED pin can be connected to VIN, setting the feedback voltage to 250 mV.
An undervoltage lockout prevents mis-operation of the device at input voltages below typical 1.65 V. When the
input voltage is below the undervoltage threshold the device remains off and both internal MOSFETs are turned
off providing isolation between input and output.
An internal thermal shutdown is implemented and turns off the internal MOSFETs when the typical junction
temperature of 160
°C is exceeded. The thermal shutdown has a hysteresis of typically 15°C.
The TPS6106x is available in Chipscale package and has the following mechanical dimensions: E=D=1.446mm
(typ), E=D=1.424mm (min), E=D=1.5mm (max). Please refer to mechanical drawing of the package (YZF).
11


Número de pieza similar - TPS61061YZFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS610 TOSHIBA-TPS610 Datasheet
200Kb / 4P
   SILICON NPN EPITAXIAL PLANAR
TPS610 TOSHIBA-TPS610 Datasheet
209Kb / 5P
   Silicon NPN Epitaxial Planar
TPS610 TOSHIBA-TPS610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Descripción similar - TPS61061YZFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com