Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

30F120W Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza 30F120W
Descripción Electrónicos  FAST RECOVER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

30F120W Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  30F120W Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120W Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120W Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120W Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120W Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F120W Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
30F120AB/W/C
版本:
201510C
2/6
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
Parameter
Symbol
Value
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
1200
V
正向平均整流电流
Average forward
current
T
B
C
B
=100℃
(TO-247-2L/TO-220C2L
TO-3PB-2L)
IF(AV)
30
A
峰值单脉冲浪涌电流
Peak one Cycle Surge Forward
Current(Non-Repetitive) t=10ms
IFSM
270
A
结温
Junction Temperature
Tj
-50~+150
储存温度
Storage temperature range
TSTG
-50~+150
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified)
热特性 THERMAL CHARACTERISTICS
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
结到管壳的热阻
Thermal resistance from
junction to case
TO-2472L
Rth(j-c)
0.9
/W
TO-3PB2L
Rth(j-c)
1.0
/W
TO-220C2L
Rth(j-c)
1.3
/W
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VRRM
IR =50μA
1200
V
IR
Tj =25℃
VR=VRRM
100
μA
Tj =125℃
500
μA
VF
Tj =25℃
IF=30A
2.2
3.2
V
Tj =125℃
1.9
2.8
V
trr
IF=1A, VR=30V, diF/dt=-200A/μs
45
70
ns


Número de pieza similar - 30F120W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
30F120FA THINKISEMI-30F120FA Datasheet
278Kb / 2P
   30.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
Rev.12T
More results

Descripción similar - 30F120W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
   FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
   FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
   FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
   FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
   FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
   Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
   FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
   FAST RECOVER DIODE
60F60W JSMC-60F60W Datasheet
254Kb / 6P
   FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
   FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
   FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com