Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61062YZF Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS61062YZF
Descripción Electrónicos  CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61062YZF Datasheet(HTML) 1 Page - Texas Instruments

  TPS61062YZF Datasheet HTML 1Page - Texas Instruments TPS61062YZF Datasheet HTML 2Page - Texas Instruments TPS61062YZF Datasheet HTML 3Page - Texas Instruments TPS61062YZF Datasheet HTML 4Page - Texas Instruments TPS61062YZF Datasheet HTML 5Page - Texas Instruments TPS61062YZF Datasheet HTML 6Page - Texas Instruments TPS61062YZF Datasheet HTML 7Page - Texas Instruments TPS61062YZF Datasheet HTML 8Page - Texas Instruments TPS61062YZF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION
VIN
EN
GND
SW
FB
OUT
ILED
PGND
VIN
2.7 V to 6 V
C1
1 mF
L1
22 mH
RS
12 W
C2
220 nF
TPS61060
TPS61061
TPS61062
SLVS538 – NOVEMBER 2004
CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
Up to 80% Efficiency
LED Driver With Integrated Overvoltage and
8-Pin NanoFree™Package (Chipscale, CSP)
Short-Circuit Protection
3
× 3-mm QFN Package
2.7-V to 6.0-V Input Voltage Range
500-mV/250-mV Feedback Voltage
White LED Driver
TPS61060 Powers Up to 3 LEDs
Cellular Phones
TPS61061 Powers Up to 4 LEDs
PDA, Pocket PC, and Smart Phones
TPS61062 Powers Up to 5 LEDs
Digital Still Camera
PWM Brightness Control on Enable
Handheld Devices
Digital Brightness Control on ILED
1.0-MHz Fixed Switching Frequency
400-mA Internal Power MOSFET Switch
LEDs Disconnected During Shutdown
Operates With Small-Output Capacitors
Down to 220 nF
The TPS61060/61/62 is a high-frequency, synchronous boost converter with constant current output to drive up
to 5 white LEDs. For maximum safety, the device features integrated overvoltage and an advanced short-circuit
protection when the output is shorted to ground. The device operates with 1-MHz fixed switching frequency to
allow small external components and to simplify possible EMI problems. The device comes with three different
overvoltage protection thresholds (14 V/18 V/23 V) to allow inexpensive and small-output capacitors with lower
voltage ratings. The LED current is initially set with the external sense resistor Rs, and the feedback voltage is
regulated to 500 mV or 250 mV, depending on the ILED pin configuration. Digital brightness control is
implemented by applying a simple digital signal to the ILED pin. Alternatively, a PWM signal up to 1 kHz can be
applied to the enable pin to control the LED brightness. During shutdown, the output is disconnected from the
input to avoid leakage current through the LEDs.
Figure 1.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS61062YZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS610 TOSHIBA-TPS610 Datasheet
200Kb / 4P
   SILICON NPN EPITAXIAL PLANAR
TPS610 TOSHIBA-TPS610 Datasheet
209Kb / 5P
   Silicon NPN Epitaxial Planar
TPS610 TOSHIBA-TPS610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Descripción similar - TPS61062YZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com