Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61062DRB Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS61062DRB
Descripción Electrónicos  CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61062DRB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61062DRB Datasheet HTML 6Page - Texas Instruments TPS61062DRB Datasheet HTML 7Page - Texas Instruments TPS61062DRB Datasheet HTML 8Page - Texas Instruments TPS61062DRB Datasheet HTML 9Page - Texas Instruments TPS61062DRB Datasheet HTML 10Page - Texas Instruments TPS61062DRB Datasheet HTML 11Page - Texas Instruments TPS61062DRB Datasheet HTML 12Page - Texas Instruments TPS61062DRB Datasheet HTML 13Page - Texas Instruments TPS61062DRB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
OVERVOLTAGE PROTECTION (OVP)
ENABLE PWM DIMMING
DIGITAL BRIGHTNESS CONTROL (ILED)
TPS61060
TPS61061
TPS61062
SLVS538 – NOVEMBER 2004
DETAILED DESCRIPTION (continued)
As with any current source, the output voltage rises when the output gets high impedance or disconnected. To
prevent the output voltage exceeding the maximum switch voltage rating (33 V) of the main switch, an
overvoltage protection circuit is integrated. As soon as the output voltage exceeds the OVP threshold, the
converter stops switching and the output voltage falls down. When the output voltage falls below the OVP
threshold, the converter continues operation until the output voltage exceeds the OVP threshold again. To allow
the use of inexpensive low-voltage output capacitors, the TPS6106x series has different OVP levels that need to
be selected according to the number of external LEDs and their maximum forward voltage.
The enable pin allows disabling and enabling of the device as well as brightness control of the LEDs by applying
a PWM signal up to typically 1 kHz. When a PWM signal is applied, the LED current is turned on when the EN is
high and off when EN is pulled low. Changing the PWM duty cycle therefore changes the LED brightness. To
allow higher PWM frequencies on the enable pin, the device continues operation when a PWM signal is applied.
As shown in the block diagram, the EN pin needs to be pulled low for at least 50 ms to fully turn the device off.
The enable input pin has an internal 300-k
Ω pulldown resistor to disable the device when this pin is floating.
The ILED pin features a simple digital interface to allow digital brightness control. This can save processor power
and battery life. Using the digital interface to control the LED brightness does not required a PWM signal all the
time, and the processor can enter sleep mode if available. To save signal lines, the ILED pin can be connected
to the enable pin to allow digital programming and enable/disable function at the same time with the same signal.
Such a circuit is shown in Figure 22.
The ILED pin basically sets the feedback regulation voltage (VFB); thus, it sets the LED current. When the ILED
pin is connected to GND, the digital brightness control is disabled and the feedback is regulated to VFB = 500
mV. When the ILED pin is pulled high, the digital brightness control is enabled starting at its midpoint where the
feedback is regulated to VFB = 250 mV. The digital brightness control is implemented by adjusting the feedback
voltage in digital steps with a typical maximum voltage of VFB = 500 mV. For this purpose, a 5-bit DAC is used
giving 32 steps equal to a 15.6-mV change in feedback voltage per step. To increase or decrease the internal
reference voltage, the ILED pin needs to be pulled low over time as outlined in Table 1 and specified in the
electrical table. When the internal DAC is programmed to its highest or lowest value, it stays at this value until it
gets programmed in the opposite direction again.
Table 1. Increase/Decrease Internal Reference Voltage
FEEDBACK VOLTAGE
TIME
ILED LOGIC LEVEL
Increase
1 µs to 75 µs
Low
Decrease
180 µs to 300 µs
Low
Brightness control disabled
≥550 µs
Low
Delay between steps
1.5 µs
High
10


Número de pieza similar - TPS61062DRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS610 TOSHIBA-TPS610 Datasheet
200Kb / 4P
   SILICON NPN EPITAXIAL PLANAR
TPS610 TOSHIBA-TPS610 Datasheet
209Kb / 5P
   Silicon NPN Epitaxial Planar
TPS610 TOSHIBA-TPS610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Descripción similar - TPS61062DRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com