Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7873 Datasheet(PDF) 12 Page - Analog Devices

No. de pieza AD7873
Descripción Electrónicos  Touch Screen Digitizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7873 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7873_17 Datasheet HTML 8Page - Analog Devices AD7873_17 Datasheet HTML 9Page - Analog Devices AD7873_17 Datasheet HTML 10Page - Analog Devices AD7873_17 Datasheet HTML 11Page - Analog Devices AD7873_17 Datasheet HTML 12Page - Analog Devices AD7873_17 Datasheet HTML 13Page - Analog Devices AD7873_17 Datasheet HTML 14Page - Analog Devices AD7873_17 Datasheet HTML 15Page - Analog Devices AD7873_17 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD7873
Rev. F | Page 11 of 28
Figure 17. Internal VREF vs. +VCC
Figure 18. Temp Diode Voltage vs. Temperature (2.7 V Supply)
Figure 19. TEMP1 Diode Voltage vs. VSUPPLY (25°C)
Figure 20. Internal VREF vs. Turn-on Time
Figure 21. TEMP0 Diode Voltage vs. VSUPPLY (25°C)
Figure 22. Auxiliary Channel Dynamic Performance
(fSAMPLE =125 kHz, fINPUT = 15 kHz)
2.484
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.9
3.1
2.5
2.7
3.3
3.5
3.7
+VCC (V)
–40
–30 –20 –10
0
10
20
30
40
50
60
70
80
450
500
550
600
650
700
750
800
850
TEMPERATURE (°C)
95.95mV
TEMP1
TEMP0
142.15mV
720
721
722
723
724
725
726
727
728
729
730
VSUPPLY (V)
2.7
3.3
3.0
3.6
TURN-ON TIME (µs)
0
1
2
3
4
5
0
200
400
600
800
1000
1200
1400
1600
1800
NO CAP (7µs)
SETTLING TIME
1µF CAP (1800µs)
SETTLING TIME
600
601
602
603
604
605
606
607
608
609
610
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VSUPPLY (V)
120
100
80
60
40
20
0
30.0
22.5
7.5
15.0
0
37.5
45.0
52.5
60.0
FREQUENCY (kHz)
fSAMPLE = 125kHz
fIN = 15kHz
SNR = 68.34dB


Número de pieza similar - AD7873_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
More results

Descripción similar - AD7873_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com