Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7879 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7879
Descripción Electrónicos  Low Voltage Controller for Touch Screens
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7879_17 Datasheet HTML 2Page - Analog Devices AD7879_17 Datasheet HTML 3Page - Analog Devices AD7879_17 Datasheet HTML 4Page - Analog Devices AD7879_17 Datasheet HTML 5Page - Analog Devices AD7879_17 Datasheet HTML 6Page - Analog Devices AD7879_17 Datasheet HTML 7Page - Analog Devices AD7879_17 Datasheet HTML 8Page - Analog Devices AD7879_17 Datasheet HTML 9Page - Analog Devices AD7879_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 6 of 40
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VCC to GND
−0.3 V to +3.6 V
Analog Input Voltage to GND
−0.3 V to VCC + 0.3 V
AUX/VBAT to GND
−0.3 V to +5 V
Digital Input Voltage to GND
−0.3 V to VCC + 0.3 V
Digital Output Voltage to GND
−0.3 V to VCC + 0.3 V
Input Current to Any Pin Except Supplies1
10 mA
ESD Rating (X+, Y+, X−, Y−)
Air Discharge Human Body Model
15 kV
Contact Human Body Model
10 kV
ESD Rating (All Other Pins)
Human Body Discharge
4 kV
Field-Induced Charged Device Model
1 kV
Machine Model
0.2 kV
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Power Dissipation
WLCSP (4-Layer Board)
866 mW
LFCSP (4-Layer Board)
2.138 W
IR Reflow Peak Temperature
260°C (±0.5°C)
Lead Temperature (Soldering 10 sec)
300°C
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type1
θJA
Unit
12-Ball WLCSP
75
°C/W
16-Lead LFCSP
30.4
°C/W
1 4-layer board.
200µA
IOL
200µA
IOH
1.4V
TO OUTPUT
PIN
CL
50pF
Figure 4. Circuit Used for Digital Timing
ESD CAUTION


Número de pieza similar - AD7879_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACPZ-500R7 AD-AD7879-1ACPZ-500R7 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
More results

Descripción similar - AD7879_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7889 AD-AD7889 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com