Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7877WACPZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7877WACPZ-REEL7
Descripción Electrónicos  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7877WACPZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD7877WACPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7877WACPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Data Sheet
AD7877
SPECIFICATIONS
VCC = 2.7 V to 3.6 V, VREF = 2.5 V internal or external, fDCLK = 2 MHz, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC ACCURACY
Resolution
12
Bits
No Missing Codes
11
12
Bits
Integral Nonlinearity (INL)1
±2
LSB
LSB size = 610 µV
Differential Nonlinearity (DNL)1
Minimum LSB size = 610 µV
Negative DNL
−0.99
LSB
Positive DNL
+2
LSB
Offset Error1
±5
LSB
Specified for 11bits
Gain Error1
±3
LSB
Specified for 11 bits; external reference
Noise
70
µV rms
Power Supply Rejection
70
dB
Internal Clock Frequency
2
MHz
SWITCH DRIVERS
On Resistance1
Y+, X+
14
Y−, X−
14
ANALOG INPUTS
Input Voltage Ranges
0
VREF
V
DC Leakage Current
±0.1
µA
Input Capacitance
30
pF
Accuracy
0.3
%
All channels, internal VREF
REFERENCE INPUT/OUTPUT
Internal Reference Voltage
2.44
2.55
V
Internal Reference Tempco
±50
ppm/°C
VREF Input Voltage Range
1
VCC
V
DC Leakage Current
±1
µA
VREF Input Impedance
1
GΩ
CS = GND or VCC; typically 25 Ω when the on-board
reference is enabled
TEMPERATURE MEASUREMENT
Temperature Range
−40
+85
°C
Resolution
Differential Method2
1.6
°C
Single Conversion Method3
0.3
°C
Accuracy
Differential Method2
±4
°C
0°C to 70°C
Single Conversion Method3
±2
°C
Calibrated at 25°C
BATTERY MONITOR
Input Voltage Range
0.5
5
V
@ VREF = 2.5 V
Input Impedance
14
kΩ
Sampling, 1 GΩ when the battery monitor is off
Accuracy
1
3.2
%
External/internal reference, see Figure 26
Rev. E | Page 3 of 45


Número de pieza similar - AD7877WACPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877 AD-AD7877 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD7877 AD-AD7877 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD7877ACP-500RL7 AD-AD7877ACP-500RL7 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
AD7877ACP-REEL AD-AD7877ACP-REEL Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results

Descripción similar - AD7877WACPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com