Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM85-5021-25-1048 Datasheet(PDF) 2 Page - Willow Technologies Ltd

No. de pieza DM85-5021-25-1048
Descripción Electrónicos  pcb power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WILLOW [Willow Technologies Ltd]
Página de inicio  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM85-5021-25-1048 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DM85-5021-25-1048 Datasheet HTML 1Page - Willow Technologies Ltd DM85-5021-25-1048 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DM85 inrush
pcb power relay
Ref: DM85 Inrush 090313JHM
Coil Data (DC voltage 400 ...480mW)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω) ±10% Must release voltage min.
(VDC)
Max. operating voltage
(VDC)
1003
3
22
2.1
7.6
1005
5
60
3.5
12.7
1006
6
90
4.2
15.3
1009
9
200
6.3
22.9
1012
12
360
8.4
30.6
1018
18
710
12.6
45.9
1024
24
1440
16.8
61.2
1036
36
3140
25.2
91.8
1048
48
5700
33.6
122.4
1060
60
7500
42.0
153.0
1110
110
25200
77.0
280.0
Note: Parameters at 20°C
Page 2 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Connection diagram
Fig. 2
(Bottom View)
Dimensions in mm
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
M
8
5
-
5
0
2
1
-
2
5
-
Contact material
see Table 1
50
-
AgSnO
2
Contact arrangement
21
-
SPST-NO (1 N/O)
Cover protection category
2
-
in cover, flux tight - IP40
Connection mode
5
-
for PCB
Specifications are subject to change without notice. E&OE.
Terminal (Pin) Dimensions
Terminal
(pin)
Coil
A1(1); A2 (2)
Contacts
21 (4);11(7);
4(8); 24(5)
(mm)
Ø 0.6
0.5 x 0.9
Drill Hole: Ø 1.3 +0.1mm
(Contact terminals should be tracked as shown above with
14 connected to 24, and 11 connected to 21 on the PCB)


Número de pieza similar - DM85-5021-25-1048

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Willow Technologies Ltd
DM85-2011-25-5012 WILLOW-DM85-2011-25-5012 Datasheet
108Kb / 4P
   industrial relays
DM85-2011-25-5024 WILLOW-DM85-2011-25-5024 Datasheet
108Kb / 4P
   industrial relays
DM85-2011-25-5048 WILLOW-DM85-2011-25-5048 Datasheet
108Kb / 4P
   industrial relays
DM85-2011-25-5060 WILLOW-DM85-2011-25-5060 Datasheet
108Kb / 4P
   industrial relays
DM85-2011-25-5110 WILLOW-DM85-2011-25-5110 Datasheet
108Kb / 4P
   industrial relays
More results

Descripción similar - DM85-5021-25-1048

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com