Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM85-2011-35-5024 Datasheet(PDF) 4 Page - Willow Technologies Ltd

No. de pieza DM85-2011-35-5024
Descripción Electrónicos  industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WILLOW [Willow Technologies Ltd]
Página de inicio  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM85-2011-35-5024 Datasheet(HTML) 4 Page - Willow Technologies Ltd

  DM85-2011-35-5024 Datasheet HTML 1Page - Willow Technologies Ltd DM85-2011-35-5024 Datasheet HTML 2Page - Willow Technologies Ltd DM85-2011-35-5024 Datasheet HTML 3Page - Willow Technologies Ltd DM85-2011-35-5024 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
8 × Ø 1,3
2,5 × 2,5
55
15
6 × Ø 1,3
2,5 × 2,5
520
DM85
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 4 of 4
American Electronic Components, Inc. 1101 Lafayette Street, Elkhart, IN 46516
see Tables 1, 2
Relays DM85 are designed for: • direct PCB mounting
• screw terminals plug-in sockets DZT80 and DZM80
with clip DZT80-0040, 35 mm DIN rail mount, EN 50022
or on panel mounting. Signalling / protecting modules
type
DM...
are
available
with
sockets
• plug-in sockets for PCB mounting DW80 and DC50
with clip DH16-2.
Mounting
Mounting openings raster
(solder side view)
1C/O
1NO
Ordering codes
Type
Contact
material
Contact number &
arrangement
Cover protection
category
Connection mode
Coil code
Examples of ordering codes:
DM85 - 2011 - 25 - 1012
relay DM85, contact material AgNi, with one changeover contact, in cover IP 40, for PCB
and sockets, voltage version 12 V DC
Connection mode
5 - for PCB and sockets
Cover protection category
2 - in cover, IP 40 version
3 - in cover, IP 67 waterproof version
Contact number & arrangement
11 - 1C/O
21 - 1NO
Contact material
20 - AgNi
30 - AgSnO2


Número de pieza similar - DM85-2011-35-5024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Willow Technologies Ltd
DM85-5021-25-1003 WILLOW-DM85-5021-25-1003 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1005 WILLOW-DM85-5021-25-1005 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1006 WILLOW-DM85-5021-25-1006 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1009 WILLOW-DM85-5021-25-1009 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1012 WILLOW-DM85-5021-25-1012 Datasheet
210Kb / 2P
   pcb power relay
More results

Descripción similar - DM85-2011-35-5024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com