Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4933G Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

No. de pieza 1N4933G
Descripción Electrónicos  Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N4933G Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1N4933G Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N4933G Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N4933G Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1N4933G Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4933G THRU 1N4937G
 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A023
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Fast Recovery Rectifier
Features
● High efficiency
● High current capability
● High reliability
● High surge current capability
● Low power loss
● Glass passivated chip junction
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Mechanical Data
Package: DO-204AL(DO-41)
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant
Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
Polarity:Color band denotes cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
1N4933G
1N4934G
1N4935G
1N4936G
1N4937G
Device marking code
1N4933G
1N4934G
1N4935G
1N4936G
1N4937G
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
Average Forward Current @60Hz sine wave,
Resistance load, Ta=75℃
IF(AV)
A
1.0
Surge(Non-repetitive)Forward Current @60Hz
Half-sine wave, 1 cycle, Ta=25℃
IFSM
A
30
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55~+150
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST CONDITIONS
1N4933G
1N4934G
1N4935G
1N4936G
1N4937G
Maximum instantaneous forward
voltage drop per diode
V
FM
V
IFM=1.0A
1.2
Maximum DC reverse current at
rated DC blocking voltage per diode
I
RRM1
μA
Ta=25℃
2.5
I
RRM2
Ta=125℃
100
Reverse Recovery time
trr
ns
IF=0.5A IR=1A
IRR=0.25A
150
Typical junction capacitance
Cj
pF
Measured at 1MHZ and 
Applied Reverse Voltage
of 4.0 V.D.C.
20
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
1N4933G
1N4934G
1N4935G
1N4936G
1N4937G
Thermal Resistance(Typical)
RθJ-A
/W
60
COMPLIANT
RoHS


Número de pieza similar - 1N4933G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
1N4933G RECTRON-1N4933G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4933G TSC-1N4933G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Won-Top Electronics
1N4933G WTE-1N4933G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Microdiode Electronics ...
1N4933G CHENDA-1N4933G Datasheet
643Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Changzhou Shunye Electr...
1N4933G SY-1N4933G Datasheet
1,021Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Descripción similar - 1N4933G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com