Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES5H Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

No. de pieza ES5H
Descripción Electrónicos  Super Fast Recovery Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ES5H Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  ES5H Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ES5H Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ES5H Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ES5H Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES5A THRU ES5J 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S031
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Super Fast Recovery Rectifier Diode
Features
● Ultrafast reverse recovery time
● Low leakage current
● Low switching losses, high efficiency
● High forward surge capability
● Solder dip 260°C max. 10 s, per JESD 22-B106
Typical Applications
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters
for consumer, computer and telecommunication.
Mechanical Data
Package: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: Color band denotes the cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
ES5A
ES5B
ES5C
ES5D
ES5F
 
ES5G
 
ES5H
ES5J
 
Device marking code
ES5A
ES5B
ES5C
ES5D
ES5F
ES5G
ES5H
ES5J
Repetitive Peak Reverse Voltage
V
RRM
V
50
100
150
200
300
400
500
600
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
I
O
A
5.0
Forward Surge Current (Non-repetitive)
@60Hz Half-sine wave,1 cycle, Ta=25℃
I
FSM
A
150
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55 ~+150
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
ES5A
ES5B
ES5C
ES5D
ES5F
 
ES5G
ES5H
ES5J
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=5.0A
0.95
1.3
1.7
Maximum reverse recovery time
TRR
ns
IF=0.5A,IR=1.0A,
Irr=0.25A
35
Maximum DC reverse current at
rated DC blocking voltage per diode
IR
μA
Ta=25℃
10
Ta=100℃
500
COMPLIANT
RoHS


Número de pieza similar - ES5H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Juxing Electr...
ES5H JUXING-ES5H Datasheet
3Mb / 2P
   Surface Mount Superfast Rectifiers
logo
DONGGUAN YOU FENG WEI E...
ES5H YFWDIODE-ES5H Datasheet
145Kb / 2P
   Surface Mount Superfast Rectifiers
logo
Yangzhou yangjie electr...
ES5H YANGJIE-ES5H Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
logo
Guangdong Juxing Electr...
ES5H JUXING-ES5H Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
logo
SAMYANG ELECTRONICS CO....
ES5H SAMYANG-ES5H Datasheet
1Mb / 3P
   SUPER FAST RECTIFIERS
More results

Descripción similar - ES5H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
   Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
   Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
   Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
   Super Fast Recovery Rectifier Diode
ES5A YANGJIE-ES5A Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
   Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com