Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5252BRU50 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD5252BRU50
Descripción Electrónicos  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5252BRU50 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5252BRU50 Datasheet HTML 5Page - Analog Devices AD5252BRU50 Datasheet HTML 6Page - Analog Devices AD5252BRU50 Datasheet HTML 7Page - Analog Devices AD5252BRU50 Datasheet HTML 8Page - Analog Devices AD5252BRU50 Datasheet HTML 9Page - Analog Devices AD5252BRU50 Datasheet HTML 10Page - Analog Devices AD5252BRU50 Datasheet HTML 11Page - Analog Devices AD5252BRU50 Datasheet HTML 12Page - Analog Devices AD5252BRU50 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD5251/AD5252
Rev. 0 | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
2
3
4
5
6
7
AD0
WP
W1
SDA
A1
B1
VDD
14
13
12
11
10
9
8
B3
A3
AD1
VSS
SCL
DGND
W3
AD5251/
AD5252
TOP VIEW
(Not to Scale)
Figure 2. AD5251/AD5252 in TSSOP-14
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply Pin. Connect +2.7 V to +5 V for single supply or ±2.7 V for dual supply,
where VDD – VSS ≤ 5.5 V. VDD must be able to source 35 mA for 26 ms when storing data to
EEMEM.
2
AD0
I2C Device Address 0. AD0 and AD1 allow four AD5251/AD5252s to be addressed.
3
WP
Write Protect, Active Low. VWP ≤ VDD + 0.3 V.
4
W1
Wiper Terminal of RDAC1. VSS ≤ VW1 ≤ VDD.1
5
B1
B Terminal of RDAC1. VSS ≤ VB1 ≤ VDD.1
6
A1
A Terminal of RDAC1. VSS ≤ VA1 ≤ VDD.1
7
SDA
Serial Data Input/Output Pin. Shifts in one bit at a time on positive clock edges. MSB loaded
first. Open-drain MOSFET requires pull-up resistor.
8
VSS
Negative Supply. Connect to 0 V for single supply or –2.7 V for dual supply, where VDD – VSS
+5.5 V. If VSS is used, other than grounded, in dual supply, VSS must be able to sink 35 mA for
26 ms when storing data to EEMEM.
9
SCL
Serial Input Register Clock Pin. Shifts in one bit at a time on positive clock edges. VSCL
(VDD + 0.3 V). Pull-up resistor is recommended for SCL to ensure minimum power.
10
DGND
Digital Ground. Connect to system analog ground at a single point.
11
AD1
I2C Device Address 1. AD0 and AD1 allow four AD5251/AD5252s to be addressed.
12
A3
A Terminal of RDAC3. VSS ≤ VA3 ≤ VDD.1
13
B3
B Terminal of RDAC3. VSS ≤ VB3 ≤ VDD.1
14
W3
W Terminal of RDAC3. VSS ≤ VW3 ≤ VDD.1
1 For quad-channel device software compatibility, the dual potentiometers in the parts are designated as RDAC1 and RDAC3.
I2C INTERFACE TIMING DIAGRAM
t1
SCL
SDA
PS
P
t3
t2
t8
t9
t8
t9
t4
t5
t7
t6
t10
Figure 3. I2C Timing Diagram


Número de pieza similar - AD5252BRU50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5252BRU50 AD-AD5252BRU50 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252BRU50-RL7 AD-AD5252BRU50-RL7 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
More results

Descripción similar - AD5252BRU50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com