Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEPR40N-42100Z Datasheet(PDF) 7 Page - AIMTEC

No. de pieza AMEPR40N-42100Z
Descripción Electrónicos  up to 1000mA | AC-DC LED driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR40N-42100Z Datasheet(HTML) 7 Page - AIMTEC

  AMEPR40N-42100Z Datasheet HTML 1Page - AIMTEC AMEPR40N-42100Z Datasheet HTML 2Page - AIMTEC AMEPR40N-42100Z Datasheet HTML 3Page - AIMTEC AMEPR40N-42100Z Datasheet HTML 4Page - AIMTEC AMEPR40N-42100Z Datasheet HTML 5Page - AIMTEC AMEPR40N-42100Z Datasheet HTML 6Page - AIMTEC AMEPR40N-42100Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Series AMEPR40N-Z
up to 1000mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3
7 of 7
North America only
AMEPR40N-42100Z
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet
. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
0.000
0.300
0.600
0.900
1.200
24
27
30
33
36
39
42
Output Voltage (V)
115 VAC
230 VAC
277 VAC


Número de pieza similar - AMEPR40N-42100Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR40N-42100Z AIMTEC-AMEPR40N-42100Z Datasheet
603Kb / 7P
   up to 1000mA | AC-DC LED driver
More results

Descripción similar - AMEPR40N-42100Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR40N-Z AIMTEC-AMEPR40N-Z Datasheet
603Kb / 7P
   up to 1000mA | AC-DC LED driver
AMEPR40-Z AIMTEC-AMEPR40-Z Datasheet
553Kb / 5P
   up to 1000mA | AC-DC LED driver
AMEQR50N-Z AIMTEC-AMEQR50N-Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMER48-KZ-C1 AIMTEC-AMER48-KZ-C1 Datasheet
249Kb / 2P
   1000mA | AC-DC LED driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com