Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55B18 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

No. de pieza BZX55B18
Descripción Electrónicos  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BZX55B18 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  BZX55B18 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BZX55B18 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BZX55B18 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BZX55B18 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd BZX55B18 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0242
Rev. 1.0, 22-Sep-11
BZX55 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
BZX55C..
齐纳电压范围
Zener voltage
range
动态电阻
Dynamic resistance
测试电流
Test current
温度系数
Temperature
Coefficient
测试电流
Test current
反向漏电流
Reverse leakage current
VZ at IZT
RZJT at IZT
f = 1 KHZ
RZJK at IZK
f = 1 KHZ
IZT
TKVZ
IZK
IR at
Tamb=25℃
IR at
Tamb=150℃
at VR
V
mA
%/K
mA
μA
V
产品型号
Part Number
Min.
Max.
Min.
Max.
BZX55C2V4
2.28
2.56
< 85
< 600
5
- 0.09
- 0.06
1
< 50
< 100
1
BZX55C2V7
2.5
2.9
< 85
< 600
5
- 0.09
- 0.06
1
< 10
< 50
1
BZX55C3V0
2.8
3.2
< 85
< 600
5
- 0.08
- 0.05
1
< 4
< 40
1
BZX55C3V3
3.1
3.5
< 85
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55C3V6
3.4
3.8
< 85
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55C3V9
3.7
4.1
< 85
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZX55C4V3
4
4.6
< 75
< 600
5
- 0.06
- 0.03
1
< 1
< 20
1
BZX55C4V7
4.4
5
< 60
< 600
5
- 0.05
0.02
1
< 0.5
< 10
1
BZX55C5V1
4.8
5.4
< 35
< 550
5
- 0.02
0.02
1
< 0.1
< 2
1
BZX55C5V6
5.2
6
< 25
< 450
5
- 0.05
0.05
1
< 0.1
< 2
1
BZX55C6V2
5.8
6.6
< 10
< 200
5
0.03
0.06
1
< 0.1
< 2
2
BZX55C6V8
6.4
7.2
< 8
< 150
5
0.03
0.07
1
< 0.1
< 2
3
BZX55C7V5
7
7.9
< 7
< 50
5
0.03
0.07
1
< 0.1
< 2
5
BZX55C8V2
7.7
8.7
< 7
< 50
5
0.03
0.08
1
< 0.1
< 2
6.2
BZX55C9V1
8.5
9.6
< 10
< 50
5
0.03
0.09
1
< 0.1
< 2
6.8
BZX55C10
9.4
10.6
< 15
< 70
5
0.03
0.1
1
< 0.1
< 2
7.5
BZX55C11
10.4
11.6
< 20
< 70
5
0.03
0.11
1
< 0.1
< 2
8.2
BZX55C12
11.4
12.7
< 20
< 90
5
0.03
0.11
1
< 0.1
< 2
9.1
BZX55C13
12.4
14.1
< 26
< 110
5
0.03
0.11
1
< 0.1
< 2
10
BZX55C15
13.8
15.6
< 30
< 110
5
0.03
0.11
1
< 0.1
< 2
11
BZX55C16
15.3
17.1
< 40
< 170
5
0.03
0.11
1
< 0.1
< 2
12
BZX55C18
16.8
19.1
< 50
< 170
5
0.03
0.11
1
< 0.1
< 2
13
BZX55C20
18.8
21.2
< 55
< 220
5
0.03
0.11
1
< 0.1
< 2
15
BZX55C22
20.8
23.3
< 55
< 220
5
0.04
0.12
1
< 0.1
< 2
16
BZX55C24
22.8
25.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
18
BZX55C27
25.1
28.9
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
20
BZX55C30
28
32
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
22
BZX55C33
31
35
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
24
BZX55C36
34
38
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
27
BZX55C39
37
41
< 90
< 500
2.5
0.04
0.12
0.5
< 0.1
< 5
30
BZX55C43
40
46
< 90
< 600
2.5
0.04
0.12
0.5
< 0.1
< 5
33
BZX55C47
44
50
< 110
< 700
2.5
0.04
0.12
0.5
< 0.1
< 5
36
BZX55C51
48
54
< 125
< 700
2.5
0.04
0.12
0.5
< 0.1
< 10
39
BZX55C56
52
60
< 135
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
43
BZX55C62
58
66
< 150
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
47
BZX55C68
64
72
< 200
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
51
BZX55C75
70
79
< 250
< 1500
2.5
0.04
0.12
0.5
< 0.1
< 10
56


Número de pieza similar - BZX55B18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BZX55B18 VISHAY-BZX55B18 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B18 NJSEMI-BZX55B18 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B18 VISHAY-BZX55B18 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B18 TSC-BZX55B18 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B18 EIC-BZX55B18 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

Descripción similar - BZX55B18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com