Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ20A Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

No. de pieza SMBJ20A
Descripción Electrónicos  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMBJ20A Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SMBJ20A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMBJ20A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMBJ20A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMBJ20A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMBJ20A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S103
Rev. 1.3, 28-Apr-14
www.21yangjie.com
SMBJ SERIES
瞬变电压抑制二极管 Transient Voltage Suppressor Diodes
■特征
Features
■外形尺寸和印记Outline Dimensions and Mark
●PPP 600W
●VBR 5.0V-440V
■用途 Applications
●箝位电压用 Clamping Voltage
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
最大值
Max
最大损耗功率(1)(2)
Peak power dissipation
PPPM
W
在10/1000us 波形下测试
with a 10/1000us waveform
600
最大脉冲电流(1)
Peak pulse current
IPPM
A
在10/1000us 波形下测试
with a 10/1000us waveform
见下面表格
See Next Table
功率损耗
Power dissipation
PD
W
无限散热片@ TL=75℃
On infinite heat sink at TL=75℃
5.0
最大正向浪涌电流(2)
Peak forward surge current
IFSM
A
8.3ms正弦半波,仅单向型
8.3 ms single half sine-wave unidirectional only
100
工作结温和存储温度范围
Operating junction and
storage temperature range
TJ,TSTG
-55 to +150
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25
Unl
ess otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
最大值
Max
最大瞬间正向电压(3)
Maximum instantaneous forward
Voltage
VF
V
在50A下测试,仅单向型
at 50A for unidirectional only
3.5/5.0
典型热阻
Thermal resistance
RθJL
℃/W
结到引线
junction to lead
20
RθJA
℃/W
结到环境
junction to ambient
100
备注:Notes:
(1) 不重复脉冲电流,如图3,在T
A= 25
℃下功率降额曲线见如图2。
Non-repetitive current pulse, per Fig. 3 and derated above T
A= 25
℃ per Fig.2.
(2) 每个端子安装在 0.2 x 0.2" (5.0 x 5.0 mm)铜焊盘上
Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
(3) 当产品型号VBR<200V时,VF<3.5V,VBR>201V时,VF<5.0V
VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
D im e n sio n s in inc h es a n d (m illim e te rs )
DO-214AA(SMB)
.187(4.75)
.167(4.25)
.1 55(3.94)
.1 30(3.30)
.085 (2.1 5)
.073 (1.8 5)
.10 3(2 .61)
.07 8(1 .99)
.0 56(1.41)
.0 35(0.90)
.008 (0.2 0)
.004 (0.1 0)
.012(0.31)
.006(0.15)
0.081(2.07 2)
0.228
(5 .80)
M o u ntin g P ad L ay out
0.06 9
(1.76)
0.107
(2.72)
.2 20(5.59)
.2 05(5.21)
COMPLIANT
RoHS


Número de pieza similar - SMBJ20A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HuaXinAn Electronics CO...
SMBJ20A HUAXINAN-SMBJ20A Datasheet
450Kb / 6P
   Transient Voltage Suppressors
logo
Littelfuse
SMBJ20A LITTELFUSE-SMBJ20A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
StarHope
SMBJ20A SPSEMI-SMBJ20A Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Jinan Gude Electronic D...
SMBJ20A JGD-SMBJ20A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ20A SOCAY-SMBJ20A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Descripción similar - SMBJ20A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com