Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA13CA Datasheet(PDF) 5 Page - Yangzhou yangjie electronic co., ltd

No. de pieza SA13CA
Descripción Electrónicos  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA13CA Datasheet(HTML) 5 Page - Yangzhou yangjie electronic co., ltd

  SA13CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA13CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA13CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA13CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SA13CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-A143
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SA SERIES
■特性曲线(典型) Characteristics(Typical)
04.0
0
t(ms)
3:脉冲波形
FIG3: Pulse Waveform
150
50
100
3.0
2.0
1.0
TJ=25
Pulse Width(td) is defined as
the Point where the Peak
Current Decays to 50% of IPPM
10/1000μs Waveform as
Defined by R.E.A.
tr=10μs
Peak Value
IPPM
Half Value - IPP
2
IPPM
td
0
0.5
1
1.5
2
2.5
0.1
VF(V)
6:典型瞬时正向电压
FIG6:Typical Instantaneous Forward Voltage
1.0
100
10
0.2
2.0
20
TJ=25℃
Pulse Width=300μs
1% Duty Cycle
图2:脉冲功率或电流与结温关系
100
75
50
25
0
0
25
50
75
100
125
150
175
200
℃)
℃)
0
25
50
75
100
125
150
175
200
8.0
6.0
4.0
2.0
0
图4:功率降额曲线
60
)
0
20
40
60
80
100
10
周波
1
图5:最大不重复浪涌电流
正弦半波
0.1
1
10
100
1000
10000
0.1
td(μs)
1:最大脉冲功率曲线
FIG1:Peak Pulse Power Rating Curve
1.0
100
10
不重复脉冲波形见图
3
Non-Repetitive Pulse
Waveform shown in Fige.3
TA=25℃


Número de pieza similar - SA13CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SA13CA PANJIT-SA13CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Littelfuse
SA13CA LITTELFUSE-SA13CA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
Chongqing Pingwei Enter...
SA13CA CHONGQING-SA13CA Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA13CA WTE-SA13CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA13CA LUGUANG-SA13CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
More results

Descripción similar - SA13CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com