Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LB16RKG01-05BJ Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB16RKG01-05BJ Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
3 / 20 page Series LB Standard Size Snap-in Pushbuttons D50 D www.nkkswitches.com Housing K Black G Gray Shapes S Square C Round R Rectangular Poles 1 SPDT 2 DPDT 1 S K W01 LB Clear Cap with Red Diffuser Red, 12-volt, Bright LED with Resistor SPDT ON-(ON) Circuit Silver Contacts Rated 3A @ 125/250V AC; Solder Lug/Quick Connect Terminals Circuits 5 ON (ON) ( ) = Momentary 6 ON ON Alternate Action with Latchdown Contacts & Terminals W01 Silver Contacts Rated 3A @ 125/250V AC Solder Lug/Quick Connect Terminals G01 Gold Contacts Rated 0.4VA @ 28V AC/DC Solder Lug/Quick Connect Terminals 5 DESCRIPTION FOR TYPICAL ORDERING EXAMPLE LB15SKW01-5C12-JC TYPICAL SWITCH ORDERING EXAMPLE Square Shape Black Housing IMPORTANT: Switches are supplied without UL, cULus and CSA marking unless specified. UL, cULus & CSA recognized only when ordered with marking on the switch. Specific models, ratings, and ordering instructions are noted on the General Specifications page. |
Número de pieza similar - LB16RKG01-05BJ |
|
Descripción similar - LB16RKG01-05BJ |