Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5336B Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

No. de pieza 1N5336B
Descripción Electrónicos  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5336B Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  1N5336B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5336B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N5336B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1N5336B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd 1N5336B Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number S-A006
Rev.1.3, 28-Apr-14
1N53 SERIES
产品型号
Part Number
额定齐纳电压
Nominal
Zener
voltage
测试电
Test
current
最大动态电阻
Maximum dynamic impedance
最大反向漏电流
Maximum reverse leakage
current
最大工作电流
Maximum Zener
current
VZ at IZT
IZT
ZZT at IZT
ZZK at IZK
IZK
IR
Test
voltage VR
IZM
V
mA
mA
μAV
mA
1N5369B
51
25
27
230
1
0.5
38.8
93
1N5370B
56
20
35
280
1
0.5
42.6
86
1N5371B
60
20
40
350
1
0.5
45.5
79
1N5372B
62
20
42
400
1
0.5
47.1
76
1N5373B
68
20
44
500
1
0.5
51.7
70
1N5374B
75
20
45
620
1
0.5
56
63
1N5375B
82
15
65
720
1
0.5
62.2
58
1N5376B
87
15
75
760
1
0.5
66
54.5
1N5377B
91
15
75
760
1
0.5
69.2
52.5
1N5378B
100
12
90
800
1
0.5
76
47.5
1N5379B
110
12
125
1000
1
0.5
83.6
43
1N5380B
120
10
170
1150
1
0.5
91.2
39.5
1N5381B
130
10
190
1250
1
0.5
98.8
36.6
1N5382B
140
8
230
1500
1
0.5
106
34
1N5383B
150
8
330
1500
1
0.5
114
31.6
1N5384B
160
8
350
1650
1
0.5
122
29.4
1N5385B
170
8
380
1750
1
0.5
129
28
1N5386B
180
5
430
1750
1
0.5
137
26.4
1N5387B
190
5
450
1850
1
0.5
144
25
1N5388B
200
5
480
1850
1
0.5
152
23.6
备注:
Notes:
后缀
‘B’表示5%的标准公差范围。
Suffix ‘B’ denotes 5% tolerance which is standard .


Número de pieza similar - 1N5336B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5336B MOTOROLA-1N5336B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SEMTECH ELECTRONICS LTD...
1N5336B SEMTECH_ELEC-1N5336B Datasheet
312Kb / 3P
   5 W SILICON ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N5336B TGS-1N5336B Datasheet
811Kb / 5P
   Silicon planar power zener diodes
logo
Boca Semiconductor Corp...
1N5336B BOCA-1N5336B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Diotech Company.
1N5336B DIOTECH-1N5336B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
More results

Descripción similar - 1N5336B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com