Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5918B Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

No. de pieza 1N5918B
Descripción Electrónicos  Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5918B Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  1N5918B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5918B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N5918B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-A007
Rev.1.3,28-Apr-14
1N5913B THRU 1N5956B
■Electrical Characteristics (Ta=25℃ Unless otherwise specified)
Type (Note1)
Zener
voltage
V ZIZT
IZT
Z ZT IZT
Z ZK IZK
I ZK
IRVR
VR
V(BR)
I ZM 50℃
( Note3)
V
mA
mA
μA
VR
mA
1N5913B
3.3
113.6
10
500
1.0
100
1.0
454
1N5914B
3.6
104.2
9.0
500
1.0
75
1.0
416
1N5915B
3.9
96.1
7.5
500
1.0
25
1.0
384
1N5916B
4.3
87.2
6.0
500
1.0
5.0
1.0
348
1N5917B
4.7
79.8
5.0
500
1.0
5.0
1.5
319
1N5918B
5.1
73.5
4.0
500
1.0
5.0
2.0
294
1N5919B
5.6
66.9
2.0
500
1.0
5.0
3.0
267
1N5920B
6.2
60.5
2.0
200
1.0
5.0
4.0
241
1N5921B
6.8
55.1
2.5
200
1.0
5.0
5.2
220
1N5922B
7.5
50.0
3.0
400
0.5
5.0
6.0
200
1N5923B
8.2
45.7
3.5
400
0.5
5.0
6.5
182
1N5924B
9.1
41.2
4.0
500
0.5
5.0
7.0
164
1N5925B
10
37.5
4.5
500
0.25
5.0
8.0
150
1N5926B
11
34.1
5.5
550
0.25
5.0
8.4
136
1N5927B
12
31.2
6.5
550
0.25
1.0
9.1
125
1N5928B
13
28.8
7.0
550
0.25
1.0
9.9
115
1N5929B
15
25.0
9.0
600
0.25
1.0
11.4
100
1N5930B
16
23.4
10
600
0.25
1.0
12.2
93
1N5931B
18
20.8
12
650
0.25
1.0
13.7
83
1N5932B
20
18.7
14
650
0.25
1.0
15.2
75
1N5933B
22
17.0
17.5
650
0.25
1.0
16.7
68
1N5934B
24
15.6
19
700
0.25
1.0
18.2
62
1N5935B
27
13.9
23
700
0.25
1.0
20.6
55
1N5936B
30
12.5
26
750
0.25
1.0
22.8
50
1N5937B
33
11.4
33
800
0.25
1.0
25.1
45
1N5938B
36
10.4
38
850
0.25
1.0
27.4
41
1N5939B
39
9.6
45
900
0.25
1.0
29.7
38
1N5940B
43
8.7
53
950
0.25
1.0
32.7
34
1N5941B
47
8.0
67
1000
0.25
1.0
35.8
31
1N5942B
51
7.3
70
1100
0.25
1.0
38.8
29
1N5943B
56
6.7
86
1300
0.25
1.0
42.6
26
1N5944B
62
6.0
100
1500
0.25
1.0
47.1
24
1N5945B
68
5.5
120
1700
0.25
1.0
51.7
22
1N5946B
75
5.0
140
2000
0.25
1.0
56.0
20
1N5947B
82
4.6
160
2500
0.25
1.0
62.2
18
1N5948B
91
4.1
200
3000
0.25
1.0
69.2
16
1N5949B
100
3.7
250
3100
0.25
1.0
76.0
15
1N5950B
110
3.4
300
4000
0.25
1.0
83.6
13
1N5951B
120
3.1
380
4500
0.25
1.0
91.2
12
1N5952B
130
2.9
450
5000
0.25
1.0
98.8
11
1N5953B
150
2.5
600
6000
0.25
1.0
114.0
10
1N5954B
160
2.3
700
6500
0.25
1.0
121.6
9.0
1N5955B
180
2.1
900
7000
0.25
1.0
136.8
8.0
1N5956B
200
1.9
1200
8000
0.25
1.0
152.0
7.0
1N5957B
240
1.5
1600
9000
0.25
1.0
182.4
6.0
Notes :
1. Zener Tolerance: ±5% .
2. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.。
3. The max zener current is not absolute , Please confirm that the product of the voltage and current should not exceed the rated Power
dissipation in actual zener application.


Número de pieza similar - 1N5918B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
1N5918B JGD-1N5918B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
Formosa MS
1N5918B FORMOSA-1N5918B Datasheet
137Kb / 4P
   SILICON ZENER DIODES
logo
Microsemi Corporation
1N5918B MICROSEMI-1N5918B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
SUNMATE electronic Co.,...
1N5918B SUNMATE-1N5918B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
logo
Central Semiconductor C...
1N5918B CENTRAL-1N5918B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Descripción similar - 1N5918B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com