Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEPR60-36170AZ Datasheet(PDF) 8 Page - AIMTEC

No. de pieza AMEPR60-36170AZ
Descripción Electrónicos  up to 5A | AC-DC / DC-DC | LED Driver / Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60-36170AZ Datasheet(HTML) 8 Page - AIMTEC

Back Button AMEPR60-36170AZ Datasheet HTML 4Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 5Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 6Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 7Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 8Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 9Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 10Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 11Page - AIMTEC AMEPR60-36170AZ Datasheet HTML 12Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Series AMEPR60-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AE
8 of 13
North America only
AMEPR60-24250AZ
AMEPR60-12500AZ
115VAC, 1.25, 
1
115VAC, 2.5, 
1
230VAC, 1.25, 
0.965
230VAC, 2.5, 
0.989
277VAC, 1.25, 
0.921
277VAC, 2.5, 
0.977
290VAC, 1.25, 
0.899
290VAC, 2.5, 
0.907
0.46 
0.48 
(A)
(PF)
PF  VS. Output Current
115VAC
230VAC
277VAC
290VAC
305VAC
115VAC, 2.5, 
0.997
115VAC, 5, 
0.997
230VAC, 2.5, 
0.961
230VAC, 5, 
0.991
277VAC, 2.5, 
0.906
277VAC, 5, 
0.971
290VAC, 2.5, 
0.871
290VAC, 5, 
0.893
0.46 
0.48 
(A)
(PF)
PF  VS. Output Current
115VA
C
230VA
C
277VA
C


Número de pieza similar - AMEPR60-36170AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR60-36170AZ AIMTEC-AMEPR60-36170AZ Datasheet
558Kb / 11P
   up to 5A | AC-DC LED driver
AMEPR60-36170AZ AIMTEC-AMEPR60-36170AZ Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Descripción similar - AMEPR60-36170AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ Datasheet
689Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com