Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN604 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza FAN604
Descripción Electrónicos   Quasi-Resonant PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN604 Datasheet(HTML) 4 Page - ON Semiconductor

  FAN604 Datasheet HTML 1Page - ON Semiconductor FAN604 Datasheet HTML 2Page - ON Semiconductor FAN604 Datasheet HTML 3Page - ON Semiconductor FAN604 Datasheet HTML 4Page - ON Semiconductor FAN604 Datasheet HTML 5Page - ON Semiconductor FAN604 Datasheet HTML 6Page - ON Semiconductor FAN604 Datasheet HTML 7Page - ON Semiconductor FAN604 Datasheet HTML 8Page - ON Semiconductor FAN604 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
FAN604
www.onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
HV
High Voltage. This pin connects to DC bus for high-voltage startup.
2
NC
No Connect.
3
CS
Current Sense. This pin connects to a current-sense resistor to sense the MOSFET current for Peak-Current-Mode
control for output regulation. The current sense information is also used to estimate the output current for CC
regulation.
4
GATE
PWM Signal Output. This pin has an internal totem-pole output driver to drive the power MOSFET. The gate
driving voltage is internally clamped at 7.5V.
5
VDD
Power Supply. IC operating current and MOSFET driving current are supplied through this pin. This pin is typically
connected to an external VDD capacitor.
6
VS
Voltage Sense. The VS voltage is used to detect resonant valleys for quasi-resonant switching. This pin detects
the output voltage information and diode current discharge time based on the auxiliary winding voltage. It also
senses input voltage for Brown-out protection.
7
CCR
Constant Current Reference. This pin connects to external resistor to program the reference voltage of constant
output current.
8
SD
Shut Down. This pin is implemented for external over-temperature-protect by connecting NTC thermistor.
9
FB
Feedback. Typically Opto-Coupler is connected to this pin to provide feedback information to the internal PWM
comparator. This feedback is used to control the duty cycle in CV regulation.
10
GND
Ground.
5.25V
ZFB
FB
CS
LEB
VDD
HV
Start-up
HV
VS
7
CCR
1
S/H
S/H = Sampling and Hold
Valley
Detection
Forced Frequency
Modulation
VCS-LIM
IO Estimator
VS OVP Fault
OSC
VS UVP Fault
3
tDIS
tDIS
6
9
VFB
VDD OVP Fault
VVDD-OVP
VDD UVLO
17.2V/5.5V
5
Debounce
VD
VS_SH
D
C
Q
Q
CLK
VDD
Driver
Control
GATE
Maximum
On Time
4
VS UVP Fault
Burst/Green
Mode
VFB
VDD OVP Fault
10
GND
Peak Current
Auto-Restart
Protection
OTP Fault
VS OVP Fault
Brown OUT
VDD UVLO
VDD UVLO
VCS
VCS
ICOMP
VCCR
ICCR
5V
Brown IN
HV
VNVS
VNVS
ISD
5V
SD Fault
VSD-TH
8
SD
VCS Fault
SD Fault
VS Protection
5V
AV
CS
Protection
VCS Fault
VCS
AV-CC
Figure 2 FAN604 Block Diagram


Número de pieza similar - FAN604

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN604H ONSEMI-FAN604H Datasheet
891Kb / 13P
   Motion SPM 5 Series
Rev. 1.2
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
FAN604PMX ONSEMI-FAN604PMX Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
More results

Descripción similar - FAN604

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
   Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
logo
Infineon Technologies A...
ICE2QS02G INFINEON-ICE2QS02G Datasheet
416Kb / 17P
   Quasi-Resonant PWM Controller
Version 2.0, 13 June 2008
logo
Active-Semi, Inc
ACT511 ACTIVE-SEMI-ACT511 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com