Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6292 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza FAN6292
Descripción Electrónicos  Compact Secondary-Side Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6292 Datasheet(HTML) 4 Page - ON Semiconductor

  FAN6292 Datasheet HTML 1Page - ON Semiconductor FAN6292 Datasheet HTML 2Page - ON Semiconductor FAN6292 Datasheet HTML 3Page - ON Semiconductor FAN6292 Datasheet HTML 4Page - ON Semiconductor FAN6292 Datasheet HTML 5Page - ON Semiconductor FAN6292 Datasheet HTML 6Page - ON Semiconductor FAN6292 Datasheet HTML 7Page - ON Semiconductor FAN6292 Datasheet HTML 8Page - ON Semiconductor FAN6292 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FAN6292BMX/FAN6292MX
www.onsemi.com
3
VIN-ON / VIN-OFF
Internal Bias (VDD)
VIN
GND
VCT
LPC
Enable
S
R
Q
CT
iCHR
iDISCHR
GATE
GATE
Driver
PWM
Block
VLPC-EN
Green Mode
Line
Detection
Function
VLPC-TH
Calculate
VLPC-EN
RESET
RatioLPC
(1µA/V)
RatioRES
(0.445µA/V)
VIN
LGATE
Type-C
Detection
CC2
CC1
BLD / AUX
Undershoot
Detection
Figure 3 FAN6292BMX/FAN6292MX Function Block Diagram


Número de pieza similar - FAN6292

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
More results

Descripción similar - FAN6292

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4390 ONSEMI-NCP4390_V01 Datasheet
769Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 - Rev. 2
NCP4390 ONSEMI-NCP4390 Datasheet
694Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5406PBF IRF-IRFH5406PBF_15 Datasheet
239Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com