Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSB50550BS Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza FSB50550BS
Descripción Electrónicos  Motion SPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50550BS Datasheet(HTML) 5 Page - ON Semiconductor

  FSB50550BS Datasheet HTML 1Page - ON Semiconductor FSB50550BS Datasheet HTML 2Page - ON Semiconductor FSB50550BS Datasheet HTML 3Page - ON Semiconductor FSB50550BS Datasheet HTML 4Page - ON Semiconductor FSB50550BS Datasheet HTML 5Page - ON Semiconductor FSB50550BS Datasheet HTML 6Page - ON Semiconductor FSB50550BS Datasheet HTML 7Page - ON Semiconductor FSB50550BS Datasheet HTML 8Page - ON Semiconductor FSB50550BS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Semiconductor Components Industries, LLC, 2017
www.fairchildsemi.com
FSB50550B / FSB50550BS . Rev. 1.2
www.onsemi.com
4
Electrical Characteristics (T
J = 25°C, VDD = VBS = 15 V unless otherwise specified.)
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
Symbol
Parameter
Conditions
Min Typ Max
Unit
BVDSS
Drain - Source
Breakdown Voltage
VIN = 0 V, ID = 1 mA ( Note 4)
500
-
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN = 0 V, VDS = 500 V
-
-
1
mA
RDS(on)
Static Drain - Source
Turn-On Resistance
VDD = VBS = 15 V, VIN = 5 V, ID = 1.0 A
-
2.3
3.0
Ω
VSD
Drain - Source Diode
Forward Voltage
VDD = VBS = 15V, VIN = 0 V, ID = -1.0 A
-
-
1.3
V
tON
Switching Times
VPN = 300 V, VDD = VBS = 15 V, ID = 1.0 A
VIN = 0 V ↔ 5 V, Inductive Load L = 3 mH
High- and Low-Side MOSFET Switching
( Note 5)
-
350
-
ns
tOFF
-
500
-
ns
trr
-60-
ns
EON
-22-
μJ
EOFF
-3-
μJ
RBSOA
Reverse Bias Safe Oper-
ating Area
VPN = 400 V, VDD = VBS = 15 V, ID = (TBD), VDS =
BVDSS, TJ = 150°C
High- and Low-Side MOSFET Switching ( Note 6)
Full Square
Symbol
Parameter
Conditions
Min Typ Max
Unit
IQDD
Quiescent VDD Current
VDD = 15 V,
VIN = 0 V
Applied between VDD and COM
-
-
200
μA
IQBS
Quiescent VBS Current
VBS = 15 V,
VIN = 0 V
Applied between VB(U) - U,
VB(V) - V, VB(W) - W
-
-
100
μA
IPDD
Operating
VDD Supply
Current
VDD - COM
VDD = 15 V, fPWM = 20 kHz, duty
= 50%, Applied to One PWM Sig-
nal Input for Low-Side
--
900
μA
IPBS
Operating
VBS Supply
Current
VB(U) - VS(U), VB(V)
- VS(V), VB(W) -
VS(W)
VDD = VBS = 15 V, fPWM = 20 kHz,
Duty = 50%, Applied to One PWM
Signal Input for High-Side
--
800
μA
UVDDD
Low-Side Under-Voltage
Protection (Figure 8)
VDD Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVDDR
VDD Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-Side Under-Voltage
Protection (Figure 9)
VBS Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
VTS
HVIC Temperature Sens-
ing Voltage Output
VDD = 15 V, THVIC = 25°C ( Note 7)
600
790
980
mV
VIH
ON Threshold Voltage
Logic HIGH Level
Applied between VIN and COM
--
2.9
V
VIL
OFF Threshold Voltage
Logic LOW Level
0.8
-
-
V
Symbol
Parameter
Conditions
Min Typ Max
Unit
VFB
Forward Voltage
IF = 0.1 A, TC = 25°C (Note 8)
-
2.5
-
V
trrB
Reverse Recovery Time
IF = 0.1 A, TC = 25°C
-
80
-
ns


Número de pieza similar - FSB50550BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FSB50550BSL ONSEMI-FSB50550BSL Datasheet
713Kb / 11P
   Motion SPM 5 Series
November, 2019 ??Rev. 0
More results

Descripción similar - FSB50550BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com