Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD9409L Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza FDD9409L
Descripción Electrónicos  N-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDD9409L Datasheet(HTML) 2 Page - ON Semiconductor

  FDD9409L Datasheet HTML 1Page - ON Semiconductor FDD9409L Datasheet HTML 2Page - ON Semiconductor FDD9409L Datasheet HTML 3Page - ON Semiconductor FDD9409L Datasheet HTML 4Page - ON Semiconductor FDD9409L Datasheet HTML 5Page - ON Semiconductor FDD9409L Datasheet HTML 6Page - ON Semiconductor FDD9409L Datasheet HTML 7Page - ON Semiconductor FDD9409L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.onsemi.com
1
Publication Order Number:
FDD9409L_F085/D
Semiconductor Components Industries, LLC, 2016
December, 2016, Rev. 1.0
FDD9409L_F085
N-Channel Logic Level PowerTrench® MOSFET
40 V, 90 A, 2.6 m
Features
Typical RDS(on) = 2.1 m at VGS = 10V, ID = 80 A
Typical Qg(tot) = 52 nC at VGS = 10V, ID = 80 A
UIS Capability
RoHS Compliant
Qualified to AEC Q101
Applications
Automotive Engine Control
PowerTrain Management
Solenoid and Motor Drivers
Electronic Steering
Integrated Starter/Alternator
Distributed Power Architectures and VRM
Primary Switch for 12V Systems
MOSFET Maximum Ratings TJ = 25°C unless otherwise noted.
Symbol
Parameter
Ratings
Units
VDSS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Drain Current - Continuous (VGS=10) (Note 1)
TC = 25°C
90
A
Pulsed Drain Current
TC = 25°C
See Figure 4
EAS
Single Pulse Avalanche Energy
(Note 2)
33.7
mJ
PD
Power Dissipation
150
W
Derate Above 25oC1
W/oC
TJ, TSTG Operating and Storage Temperature
-55 to + 175
oC
RJC
Thermal Resistance, Junction to Case
1
oC/W
RJA
Maximum Thermal Resistance, Junction to Ambient
(Note 3)
52
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD9409L
FDD9409L_F085
D-PAK(TO-252)
13”
16mm
2500units
Notes:
1: Current is limited by bondwire configuration.
2: Starting TJ = 25°C, L = 15uH, IAS = 67A, VDD = 40V during inductor charging and VDD = 0V during time in avalanche.
3: RJA is the sum of the junction-to-case and case-to-ambient thermal resistance, where the case thermal reference is defined as the solder
mounting surface of the drain pins. RJC is guaranteed by design, while RJA is determined by the board design. The maximum rating
presented here is based on mounting on a 1 in2 pad of 2oz copper.
D
G
S
G
S
D
TO-252
D-PAK
(TO-252)
For current package drawing, please refer to the Fairchild web‐
site at http://www.fairchildsemi.com/package‐drawings/TO/
TO252A03.pdf.


Número de pieza similar - FDD9409L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FDD9409L ISC-FDD9409L Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FDD9409L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com