Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSBB15CH120D Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza FSBB15CH120D
Descripción Electrónicos  Motion SPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSBB15CH120D Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSBB15CH120D Datasheet HTML 4Page - ON Semiconductor FSBB15CH120D Datasheet HTML 5Page - ON Semiconductor FSBB15CH120D Datasheet HTML 6Page - ON Semiconductor FSBB15CH120D Datasheet HTML 7Page - ON Semiconductor FSBB15CH120D Datasheet HTML 8Page - ON Semiconductor FSBB15CH120D Datasheet HTML 9Page - ON Semiconductor FSBB15CH120D Datasheet HTML 10Page - ON Semiconductor FSBB15CH120D Datasheet HTML 11Page - ON Semiconductor FSBB15CH120D Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© 2017 Semiconductor Components Industries, LLC
7
www.fairchildsemi.com
www.onsemi.com
FSBB15CH120D • Rev. 1
Figure 5. Example Circuit for Switching Test
Figure 6. Switching Loss Characteristics
Figure 7. Temperature Profile of VTS (Typical)
One-Leg Diagram of SPM 3
P
NU,V,W
VCC
IN
COM
VB
OUT
VS
VCC
IN
COM
OUT
CSC
VTS
VFO
IC
VPN
U,V,W
Inductor
HS Switching
LS Switching
V
600V
V
V
+15V
+5V
4.7kΩ
CBS
HS Switching
LS Switching
VIN
0V
5V
VCC
DBS
RBS
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
Inductive Load, V
PN
= 600 V, V
CC
= 15 V, T
J
= 25
IGBT Turn-ON, E
on
IGBT Turn-OFF, E
off
FRD Turn-OFF, E
rec
COLLECTOR CURRENT, I
c
[AMPERES]
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
Inductive Load, V
PN
= 600 V, V
CC
= 15 V, T
J
= 150
IGBT Turn-ON, E
on
IGBT Turn-OFF, E
off
FRD Turn-OFF, E
rec
COLLECTOR CURRENT, I
c
[AMPERES]


Número de pieza similar - FSBB15CH120D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
More results

Descripción similar - FSBB15CH120D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSB50550B ONSEMI-FSB50550B Datasheet
891Kb / 13P
   Motion SPM
Rev. 1.2
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com