Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC786965UW Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LC786965UW
Descripción Electrónicos  Single Chip Digital Signal Processor LSI for Compact Disc Players
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786965UW Datasheet(HTML) 3 Page - ON Semiconductor

  LC786965UW Datasheet HTML 1Page - ON Semiconductor LC786965UW Datasheet HTML 2Page - ON Semiconductor LC786965UW Datasheet HTML 3Page - ON Semiconductor LC786965UW Datasheet HTML 4Page - ON Semiconductor LC786965UW Datasheet HTML 5Page - ON Semiconductor LC786965UW Datasheet HTML 6Page - ON Semiconductor LC786965UW Datasheet HTML 7Page - ON Semiconductor LC786965UW Datasheet HTML 8Page - ON Semiconductor LC786965UW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LC786965UW
www.onsemi.com
3
Audio processing functions
<Audio processing block>
 Sampling rate converter (SRC) for compressed audio data playback
 Interpolation (CD-DA only)
 Mute function (12dB, ∞)
 Digital attenuator
 De-emphasis filter
 Bilingual function
 Bass / Treble filter
<Interface block>
 Various external audio data output format
IIS (48fs/64fs), MSB first right justified (32fs/48fs/64fs), 16 bit data length
Internal Microcontroller functions
<Sequencer control>
 CD playback control
Servo control, CD anti-shock playback control, CD-ROM file analysis, etc.
<Communication control between main controller>
 Communication format: SIO, I2C
<Peripheral interface block>
 GPIO port
20ports maximum (Shared with other functions.)
 External interrupt pins 4pins maximum (Shared with other functions.)
 Serial interface
SIO
clock synchronized full duplex (3 lines) 1 channel
UART
full duplex
1 channel
<Program memory block>
 Mask-ROM size: 256kB
 ROM Collect function is built in for the partial change of the program and Host controller can use this.
<Others>
 System Clock
1’Xtal (16.9344MHz)
 Watch Dog Timer
Notify to outside from pin or reset internally.
 Power management
2 kinds of sleep mode
(1) Only CPU core operates at slow clock and clocks for other blocks are stopping.
(2) All clocks are stopping.
Others
<External memory>
 External SDRAM
Memory size : 16Mbit or 64Mbit
Data width
: 16bit
CAS latency : 2
Burst length : Full
Used for CD-DA anti-shock control, CD-ROM decoding.
<Internal power supply>
 1.2V regulator for internal blocks


Número de pieza similar - LC786965UW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786960E-H ONSEMI-LC786960E-H Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
logo
ON Semiconductor
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

Descripción similar - LC786965UW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7865E SANYO-LC7865E Datasheet
105Kb / 2P
   Digital Signal Processor for Compact Disc Players
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7868KE SANYO-LC7868KE Datasheet
584Kb / 23P
   Digital Signal Processor for Compact Disc Players???
LC7868E SANYO-LC7868E Datasheet
538Kb / 22P
   Digital Signal Processor for Compact Disc Players???
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
   Digital Signal Processor for Compact Disc Players?
LC7861KE SANYO-LC7861KE Datasheet
484Kb / 18P
   Digital Signal Processor for Compact Disc Players
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
   Digital Signal Processor for Compact Disc Players
LC7867E SANYO-LC7867E Datasheet
454Kb / 20P
   Digital Signal Processor for Compact Disc Players?
logo
Panasonic Semiconductor
MN66271RA PANASONIC-MN66271RA Datasheet
50Kb / 6P
   Signal Processing LSI for Compact Disc Players
logo
NXP Semiconductors
TDA5709 PHILIPS-TDA5709 Datasheet
488Kb / 13P
   RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
July 1985
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com