Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC2G241DC Datasheet(PDF) 6 Page - NXP Semiconductors |
|
74LVC2G241DC Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 18 page 2005 Feb 02 6 Philips Semiconductors Product specification Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state 74LVC2G241 DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT OTHER VCC (V) Tamb = −40 °C to +85 °C; note 1 VIH HIGH-level input voltage 1.65 to 1.95 0.65 × VCC −− V 2.3 to 2.7 1.7 −− V 2.7 to 3.6 2.0 −− V 4.5 to 5.5 0.7 × V CC −− V VIL LOW-level input voltage 1.65 to 1.95 −− 0.35 × VCC V 2.3 to 2.7 −− 0.7 V 2.7 to 3.6 −− 0.8 V 4.5 to 5.5 −− 0.3 × VCC V VOL LOW-level output voltage VI =VIH or VIL IO = 100 µA 1.65 to 5.5 −− 0.1 V IO = 4 mA 1.65 −− 0.45 V IO = 8 mA 2.3 −− 0.3 V IO = 12 mA 2.7 −− 0.4 V IO = 24 mA 3.0 −− 0.55 V IO = 32 mA 4.5 −− 0.55 V VOH HIGH-level output voltage VI =VIH or VIL IO = −100 µA 1.65 to 5.5 VCC − 0.1 −− V IO = −4 mA 1.65 1.2 −− V IO = −8 mA 2.3 1.9 −− V IO = −12 mA 2.7 2.2 −− V IO = −24 mA 3.0 2.3 −− V IO = −32 mA 4.5 3.8 −− V ILI input leakage current VI = 5.5 V or GND 5.5 −±0.1 ±5 µA IOZ 3-state output OFF-state current VI =VIH or VIL; VO = 5.5 V or GND 3.6 −±0.1 ±10 µA Ioff power OFF leakage current VI or VO = 5.5 V 0 −±0.1 ±10 µA ICC quiescent supply current VI =VCC or GND; IO =0A 5.5 − 0.1 10 µA ∆ICC additional quiescent supply current per pin VI =VCC − 0.6 V; IO =0A 2.3 to 5.5 − 5 500 µA |
Número de pieza similar - 74LVC2G241DC |
|
Descripción similar - 74LVC2G241DC |