Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PE19XP5012 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
PE19XP5012 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc. |
2 / 7 page 2 Mechanical Specifications Size Length 0.9 in [22.86 mm] Width 0.9 in [22.86 mm] Height 0.21 in [5.33 mm] . Weight 0.028 lbs [12.7 g] . Mounting Surface Material and Plating Copper Clad Nickel, Gold Design Commercial Reference Type External Package Style Surface Mount Environmental Specifications Temperature Operating Range -30 to +70 deg C Shock IAW MIL-STD-202, Method 213, Condition A Vibration IAW MIL-STD-202, Method 204, Condition A ESD Sensitivity ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in ESD Workstation. Compliance Certifications (see product page for current document) Plotted and Other Data Notes: PE19XP5012 REV 1.1 Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: Surface Mount (SMT) 4 GHz Phase Locked Oscillator, 100 MHz External Ref., Phase Noise -110 dBc/Hz, 0.9 inch Package PE19XP5012 Phase Locked Oscillators Technical Data Sheet PE19XP5012 Surface Mount (SMT) 4 GHz Phase Locked Oscillator, 100 MHz External Ref., Phase Noise -110 dBc/Hz, 0.9 inch Package |
Número de pieza similar - PE19XP5012 |
|
Descripción similar - PE19XP5012 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |