Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD453N20S20PC Datasheet(PDF) 4 Page - International Rectifier

No. de pieza SD453N20S20PC
Descripción Electrónicos  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

SD453N20S20PC Datasheet(HTML) 4 Page - International Rectifier

  SD453N20S20PC Datasheet HTML 1Page - International Rectifier SD453N20S20PC Datasheet HTML 2Page - International Rectifier SD453N20S20PC Datasheet HTML 3Page - International Rectifier SD453N20S20PC Datasheet HTML 4Page - International Rectifier SD453N20S20PC Datasheet HTML 5Page - International Rectifier SD453N20S20PC Datasheet HTML 6Page - International Rectifier SD453N20S20PC Datasheet HTML 7Page - International Rectifier SD453N20S20PC Datasheet HTML 8Page - International Rectifier SD453N20S20PC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SD453N/R Series
4
Bulletin I2076 rev. A 09/94
www.irf.com
Outlines Table
Case Style B-8
All dimensions in millimeters (inches)
Case Style B-8 with top thread terminal 3/8"
All dimensions in millimeters (inches)
38 (1.5)
DIA. MAX.
CERAMIC HOUSING
SW 45
* FOR METRIC DEVICE: M24 x 1.5 - LENGHT SCREW 21 (0.83) MAX.
3/4"-16UNF-2A *
3/8"-24UNF-2A
17 (0.67) DIA.
26 (1.023) MAX.
10.5 (0.41) DIA.
12 (0.47) MIN.
38 (1.5)
DIA. MAX.
CERAMIC HOUSING
SW 45
* FOR METRIC DEVICE: M24 x 1.5 - LENGHT SCREW 21 (0.83) MAX.
C.S. 70mm
5(0.20) ± 0.3(0.01)
2
3/4"-16UNF-2A *


Número de pieza similar - SD453N20S20PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
logo
Vishay Siliconix
SD453N/R12 VISHAY-SD453N/R12 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R16 VISHAY-SD453N/R16 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R20 VISHAY-SD453N/R20 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R25 VISHAY-SD453N/R25 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
More results

Descripción similar - SD453N20S20PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com