Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ABT162244 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ABT162244
Descripción Electrónicos  16 BIT BUFFERS/DRIVERS WITH 3 STATE OUTPUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT162244 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ABT162244 Datasheet HTML 1Page - Texas Instruments SN74ABT162244 Datasheet HTML 2Page - Texas Instruments SN74ABT162244 Datasheet HTML 3Page - Texas Instruments SN74ABT162244 Datasheet HTML 4Page - Texas Instruments SN74ABT162244 Datasheet HTML 5Page - Texas Instruments SN74ABT162244 Datasheet HTML 6Page - Texas Instruments SN74ABT162244 Datasheet HTML 7Page - Texas Instruments SN74ABT162244 Datasheet HTML 8Page - Texas Instruments SN74ABT162244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN54ABT162244, SN74ABT162244
16BIT BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS238E − JUNE 1992 − REVISED JUNE 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
63
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54ABT162244
SN74ABT162244
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
IOH
High-level output current
−3
−12
mA
IOL
Low-level output current
8
12
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆VCC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTES:
3. All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Número de pieza similar - SN74ABT162244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ABT162244 TI-SN74ABT162244 Datasheet
118Kb / 8P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162244 TI-SN74ABT162244 Datasheet
269Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162244 TI1-SN74ABT162244 Datasheet
790Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162244DGG TI-SN74ABT162244DGG Datasheet
118Kb / 8P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162244DGGR TI-SN74ABT162244DGGR Datasheet
269Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ABT162244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16541 TI-54ACT16541 Datasheet
105Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
REVISED APRIL 1996
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16541 TI-54ACT16541_06 Datasheet
141Kb / 8P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com