Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ABT162244DGGR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ABT162244DGGR
Descripción Electrónicos  16 BIT BUFFERS/DRIVERS WITH 3 STATE OUTPUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT162244DGGR Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABT162244DGGR Datasheet HTML 1Page - Texas Instruments SN74ABT162244DGGR Datasheet HTML 2Page - Texas Instruments SN74ABT162244DGGR Datasheet HTML 3Page - Texas Instruments SN74ABT162244DGGR Datasheet HTML 4Page - Texas Instruments SN74ABT162244DGGR Datasheet HTML 5Page - Texas Instruments SN74ABT162244DGGR Datasheet HTML 6Page - Texas Instruments SN74ABT162244DGGR Datasheet HTML 7Page - Texas Instruments SN74ABT162244DGGR Datasheet HTML 8Page - Texas Instruments SN74ABT162244DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN54ABT162244, SN74ABT162244
16BIT BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS238E − JUNE 1992 − REVISED JUNE 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT162244
SN74ABT162244
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −1 mA
3.35
3.35
3.35
VOH
VCC = 5 V,
IOH = −1 mA
3.85
3.85
3.85
V
VOH
VCC = 4.5 V
IOH = −3 mA
3.1
3.1
3.1
V
VCC = 4.5 V
IOH = −12 mA
2.6*
2.6
VOL
VCC = 4.5 V
IOL = 8 mA
0.4
0.8
0.65
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.8*
0.8
V
Vhys
100
mV
II
VCC = 0 to 5.5 V, VI = VCC or GND
±1
±1
±1
µA
IOZPU
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZPD
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZH
VCC = 2.1 V to 5.5 V,
VO = 2.7 V, OE ≥ 2 V
10
10
10
µA
IOZL
VCC = 2.1 V to 5.5 V,
VO = 0.5 V, OE ≥ 2 V
−10
−10
−10
µA
Ioff
VCC = 0, VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO
VCC = 5.5 V,
VO = 2.5 V
−25
−55
−100
−25
−100
−25
−100
mA
VCC = 5.5 V,
Outputs high
2
2
2
ICC‡
VCC = 5.5 V,
IO = 0,
V = V
or GND
Outputs low
30
30
30
mA
ICC‡
IO = 0,
VI = VCC or GND
Outputs disabled
2
2
2
mA
Data inputs
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
50
50
50
∆ICC§
Data inputs
One input at 3.4 V,
Other inputs at
VCC or GND
Outputs disabled
50
50
50
µA
CC
Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
50
50
50
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
8
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.


Número de pieza similar - SN74ABT162244DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ABT162244DGGR TI-SN74ABT162244DGGR Datasheet
269Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162244DGGR TI1-SN74ABT162244DGGR Datasheet
790Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ABT162244DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16541 TI-54ACT16541 Datasheet
105Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
REVISED APRIL 1996
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16541 TI-54ACT16541_06 Datasheet
141Kb / 8P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com