Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC9447F Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC9447F
Descripción Electrónicos  Single-Chip Audio Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9447F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC9447F Datasheet HTML 1Page - Toshiba Semiconductor TC9447F Datasheet HTML 2Page - Toshiba Semiconductor TC9447F Datasheet HTML 3Page - Toshiba Semiconductor TC9447F Datasheet HTML 4Page - Toshiba Semiconductor TC9447F Datasheet HTML 5Page - Toshiba Semiconductor TC9447F Datasheet HTML 6Page - Toshiba Semiconductor TC9447F Datasheet HTML 7Page - Toshiba Semiconductor TC9447F Datasheet HTML 8Page - Toshiba Semiconductor TC9447F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TC9447F
2002-02-05
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9447F
Single-Chip Audio Digital Signal Processor
The TC9447F is a single-chip audio digital signal processor
incorporating an AD/DA converter. The built-in program memory
(ROM) can contain a range of application programs for concert
hall acoustic field simulation, for digital filters such as equalizers,
and for dynamic range control. In addition, the device includes
64kb of data delay RAM, making external RAM unnecessary.
Features
· Incorporates a 1-bit Σ∆-type AD converter (two channels).
THD: −82dB, S/N ratio: 95dB (typ.)
· Incorporates a 1-bit Σ∆-type DA converter (four channels).
THD: −85dB, S/N ratio: 100dB (typ.)
· A ±10-dB attenuator is built into the DA converter output block (two channels only)
· Each port has a digital input/output (three lead-type)
· A built-in self-boot function automatically sets the coefficients and register values at initialization.
Boot ROM
: 1024 words × 18 bits
· The DSP block specifications are as follows:
Data bus
: 24 bits
Multiplier/adder
: 24 bits × 16 bits + 43 bits → 43 bits
Accumulator
: 43 bits (sign extension: 4 bits)
Program ROM
: 1024 words × 32 bits
Coefficient RAM
: 320 words × 16 bits
Coefficient ROM
: 256 words × 16 bits
Offset RAM
: 64 words × 16 bits
Data RAM
: 256 words × 24 bits
Operation speed
: 44ns (510-step (approx) operation per cycle at fs = 44.1 kHz)
Interface buffer RAM : 32 words × 16 bits
· Incorporates data delay RAM.
Delay RAM
: 4096 words × 16 bits (64 kbits)
· The microcontroller interface can be selected between Standard Transmission mode and I2C bus mode.
· CMOS silicon structure supports high speed.
· The package is a 100-pin flat package.
Weight: 1.57g (typ.)


Número de pieza similar - TC9447F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
More results

Descripción similar - TC9447F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com