Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2074DB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2074DB
Descripción Electrónicos  FOUR-PORT USB HUB POWER CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2074DB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2074DB Datasheet HTML 2Page - Texas Instruments TPS2074DB Datasheet HTML 3Page - Texas Instruments TPS2074DB Datasheet HTML 4Page - Texas Instruments TPS2074DB Datasheet HTML 5Page - Texas Instruments TPS2074DB Datasheet HTML 6Page - Texas Instruments TPS2074DB Datasheet HTML 7Page - Texas Instruments TPS2074DB Datasheet HTML 8Page - Texas Instruments TPS2074DB Datasheet HTML 9Page - Texas Instruments TPS2074DB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS2074, TPS2075
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS288A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
4.5 V
≤ VI(BP) ≤ 5.5 V, 4.85 V ≤ VI(SP) ≤ 5.5 V, ENx = 0 V, BP_DIS = 0 V (unless otherwise noted)
input current
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
N l
d
OUT
d 3 3V OUT
VI(SP) = Hi-Z
185
240
Input current at BP, switches disabled
No load on OUTx and 3.3V_OUT,
ENx=VI(BP)
VI(SP) = 0 V
185
240
µA
II(BP)
ENx = VI(BP)
VI(SP) = 5 V
175
210
II(BP)
N l
d
OUT
d 3 3V OUT
VI(SP) = Hi-Z
185
240
Input current at BP, switches enabled
No load on OUTx and 3.3V_OUT,
ENx=0V
VI(SP) = 0 V
185
240
µA
ENx = 0 V
VI(SP) = 5 V
175
210
N l
d
OUT
d 3 3V OUT
VI(BP) = Hi-Z
90
115
Input current at SP, switches disabled
No load on OUTx and 3.3V_OUT,
ENx=VI(SP)
VI(BP) = 0 V
90
115
µA
II(SP)
ENx = VI(SP)
VI(BP) = 5 V
115
140
II(SP)
N l
d
OUT
d 3 3V OUT
VI(BP) = Hi-Z
90
115
Input current at SP, switches enabled
No load on OUTx and 3.3V_OUT,
ENx=0V
VI(BP) = 0 V
90
115
µA
ENx = 0 V
VI(BP) = 5 V
115
140
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
power switches
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static
SP to
VI(SP) =VI(BP) =5V IO =0 5A
TA = 25°C
100
rDS( )
Static
drain-source
OUTx
VI(SP) = VI(BP) = 5 V, IOx = 0.5 A
TA = 70°C
110
150
m
rDS(on)
on-state
it
BP to
VI(BP) =4 5V
VI(SP) =Open IO =0 1A
TA = 25°C
500
m
resistance
OUTx
VI(BP) = 4.5 V,
VI(SP) = Open, IOx = 0.1 A
TA = 70°C
600
900
ENx = VI(BP) = 5.5 V, VI(SP) = Hi-Z,
OUTx connected to ground,
VI(VIN) = Hi-Z
TJ = 25°C
0.5
10
Ilk (OUT )
Leakage current at
OUTx (no load on
ENx = VI(BP) = VI(SP) = 5.5 V,
OUTx connected to ground
TJ = 25°C
0.5
10
µA
Ilkg(OUTx) OUTx (no load on
3.3V_OUT)
ENx = VI(BP) = Hi-Z or 0 V,
VI(SP)= VI(OUTx) = 5.5 V
TJ = 25°C
0.5
10
µA
ENx = VI(BP) = VI(SP) = Hi-Z or 0 V,
VI(OUTx) = 5.5 V
TJ = 25°C
0.5
10
Short circuit current
VI(BP) = VI(SP) = 5 V,
OUTx connected to GND,
Device enabled into short circuit
0.6
0.9
1.2
Short-circuit current
(per output)†
VI(BP) = 5 V, VI(SP) = open,
OUTx connected to GND, device enabled into short
circuit
0.12
0.2
0.3
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
NOTE: All BP to OUTx , SP to OUTx switches and the internal 3.3-V voltage regulator are loaded to the recommended continuous current rating
of 100 mA, 500 mA and 100 mA, respectively, for the static drain-source on-state resistance measurements.
input signals (ENx, BP_DIS)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current
Pullup
ENx (active low)
VI(ENx) = 0 V
5
µA
II
Input current
Pulldown
BP_DIS (active high)
VI(BP_DIS) = 5 V
5
µA


Número de pieza similar - TPS2074DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2074DB TI-TPS2074DB Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DB TI1-TPS2074DB Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DBG4 TI1-TPS2074DBG4 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
More results

Descripción similar - TPS2074DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070 Datasheet
472Kb / 29P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com