Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7171 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD7171
Descripción Electrónicos  16-Bit, Low Power, Sigma-Delta ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7171 Datasheet(HTML) 5 Page - Analog Devices

  AD7171_17 Datasheet HTML 1Page - Analog Devices AD7171_17 Datasheet HTML 2Page - Analog Devices AD7171_17 Datasheet HTML 3Page - Analog Devices AD7171_17 Datasheet HTML 4Page - Analog Devices AD7171_17 Datasheet HTML 5Page - Analog Devices AD7171_17 Datasheet HTML 6Page - Analog Devices AD7171_17 Datasheet HTML 7Page - Analog Devices AD7171_17 Datasheet HTML 8Page - Analog Devices AD7171_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD7171
Data Sheet
Rev. C | Page 4 of 16
Parameter
AD7171B1
Unit
Test Conditions/Comments
Min
Typ
Max
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH2
VDD − 0.6
V
VDD = 3 V, ISOURCE = 100 µA
4
V
VDD = 5 V, ISOURCE = 200 µA
Output Low Voltage, VOL2
0.4
V
VDD = 3 V, ISINK = 100 µA
0.4
V
VDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage Current
±2
µA
Floating-State Output Capacitance
5
pF
Data Output Coding
Offset binary
POWER REQUIREMENTS3
Power Supply Voltage
VDD − GND
2.7
5.25
V
Power Supply Currents
IDD Current
110
130
µA
VDD = 3 V
135
150
µA
VDD = 5 V
IDD (Power-Down/Reset Mode)
5
µA
1
Temperature range is −40°C to +105°C.
2
Specification is not production tested but is supported by characterization data at initial product release.
3
Digital inputs equal to VDD or GND.


Número de pieza similar - AD7171_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7171BCPZ-500RL7 AD-AD7171BCPZ-500RL7 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171BCPZ-REEL7 AD-AD7171BCPZ-REEL7 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Descripción similar - AD7171_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com